Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1972AIBC Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1972AIBC
Description  Ambient Light Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972AIBC Datasheet(HTML) 8 Page - Microsemi Corporation

  LX1972AIBC Datasheet HTML 1Page - Microsemi Corporation LX1972AIBC Datasheet HTML 2Page - Microsemi Corporation LX1972AIBC Datasheet HTML 3Page - Microsemi Corporation LX1972AIBC Datasheet HTML 4Page - Microsemi Corporation LX1972AIBC Datasheet HTML 5Page - Microsemi Corporation LX1972AIBC Datasheet HTML 6Page - Microsemi Corporation LX1972AIBC Datasheet HTML 7Page - Microsemi Corporation LX1972AIBC Datasheet HTML 8Page - Microsemi Corporation LX1972AIBC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LX1972A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Ambient Light Detector
Copyright
© 2005
Rev. 1.0, 2006-09-18
TM
®
PACKAGE DIMENSIONS
BC
2-Pin 1206 Standard Carrier
D
P
H
E
Side
Top
Bottom
1
2
1
A
X
R
Pin 1 Indicator (top side) /
Alignment Indicator (Bottom side)
B
CL
CL
0.03
0.19 - 0.25mm
Sensor Active
Area: 0.2 x 0.2mm
Sensor Active Area
C
2
C
θ
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.95
1.25
0.037
0.049
B
0.40
0.70
0.016
0.028
D
3.05
3.35
0.120
0.132
E
1.85
2.15
0.073
0.085
H
0.40
0.60
0.016
0.024
M
3° nom
3° nom
P
1.45
1.75
0.057
0.069
R
0.25 nom
0.010 nom
X
0.02
0.05
0.0008
0.002
Note:
Dimensions do not include protrusions; these shall not exceed
0.155mm (.006”) on any side.
1.50mm
0.06in.
2.0mm
0.08in.
1.50mm
0.06in.
1.50mm
0.06in.
Super Imposed
1206 Package
Recommended Soldering Pattern for reflow soldering of the
BC (1206) package.
Basic specification is < 5 seconds @ 260°C when applying
solder.
8.00
5.25
1.75
4.00
2.00
4.00
Lead In:
10 min empty
Loaded:
3000 pcs
Lead Out:
40 min empty
1.30
0.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com