Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5261 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5261
Description  27-Line LVD SCSI Source/Sink Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5261 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5261 Datasheet HTML 1Page - Microsemi Corporation LX5261 Datasheet HTML 2Page - Microsemi Corporation LX5261 Datasheet HTML 3Page - Microsemi Corporation LX5261 Datasheet HTML 4Page - Microsemi Corporation LX5261 Datasheet HTML 5Page - Microsemi Corporation LX5261 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.0c, 2005-02-08
LX5261
27-Line LVD SCSI Source/Sink Regulator
PRODUCTION DATASHEET
TM
®
RECOMM END E D M AX OPERATI NG C ONDITI ONS
LX5261
Parameter
Symbol
Min
Typ
Max
Units
VTERM
VTERM
2.7
5.25
V
Signal Line Voltage
0
5.0
V
Operating Junction Temperature
TJ
0
70
°C
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C
≤ TA ≤ 70°C, and VTERM =
3.3V.
LX5261
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
TERMPWR Section
VTERM Supply Current
ITERM
No Load
35
40
mA
VTERM Voltage
VTERM
2.7
5.25
V
Regulator Section
1.75V Regulator
VREG1
-125mA < IOUT < 125mA, 2.7V < VIN < 5.25V
1.7
1.75
1.8
V
1.3V Regulator
VDIFS
DIFSENS; No Load
1.2
1.3
1.4
V
0.75V Regulator
VREG2
-125mA < IOUT < 125mA, 2.7V < VIN < 5.25V
0.7
0.75
0.8
V
1.75V Regulator Source Current
ISRC1
VOUT = 1.25V
-200
mA
1.75V Regulator Sink Current
ISNK1
VOUT = 2.25V
200
mA
1.75V Source Current Limit
-700
mA
1.75V Sink Current Limit
700
mA
1.3V Regulator Source Current
IDIFS_SRC
DIFSENS; 0V
-5
-15
mA
1.3V Regulator Sink Current
IDIFS_SNK
DIFSENS = 2.4V
50
200
µA
0.75V Regulator Source Current
ISRC2
VOUT = 0.25V
-200
mA
0.75V Regulator Sink Current
ISNK2
VOUT = 1.25V
200
mA
0.75V Source Current Limit
-700
mA
0.75V Sink Current Limit
700
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com