Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5261 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5261
Description  27-Line LVD SCSI Source/Sink Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5261 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5261 Datasheet HTML 1Page - Microsemi Corporation LX5261 Datasheet HTML 2Page - Microsemi Corporation LX5261 Datasheet HTML 3Page - Microsemi Corporation LX5261 Datasheet HTML 4Page - Microsemi Corporation LX5261 Datasheet HTML 5Page - Microsemi Corporation LX5261 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.0c, 2005-02-08
LX5261
27-Line LVD SCSI Source/Sink Regulator
PRODUCTION DATASHEET
TM
®
ABSOLUTE MAXI MUM RATI NGS
Term Power (VTERM) .........................................................................................................6V
Operating Junction Temperature..................................................................................... 150°C
Storage Temperature Range..............................................................................-65°C to 150°C
RoHS / Pb-freePeak Package Solder Reflow Temperature
(40 second maximum exposure) ........................................................................ 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of specified terminal.
TH ERM A L DATA
DP
16-Pin SOIC
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θJA
111.8 °C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow. θJA can vary significantly
depending on mounting technique. (See Application Notes Section: Thermal
considerations)
PACKAGE PIN OUT
2
3
5
4
15
14
11
12
6
7
10
8
N/C
9
116
N/C
N/C
N/C
N/C
N/C
N/C
N/C
VOUT1
VOUT2
VTERM
HSGND
HSGND
HSGND
GND
DIFSENS
13
DP PACKAGE
(Top View)
NC – No Internal Connection
RoHS / Pb-free 100% Matte Tin Lead
Finish
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
VOUT1
1.75V Regulated Output. Capable of sourcing/sinking 200mA.
VOUT2
0.75V Regulated Output. Capable of sourcing/sinking 200mA.
VTERM
Power supply pin for terminator. Connect to SCSI bus VTERM. Usually decoupled
by one 4.7µF low-ESR capacitor. It is absolutely necessary to connect this pin to the
decoupling capacitor through a very low impedance (big traces to PCB). Keeping distances
very short from the decoupling capacitors is somewhat layout dependent and some
applications may benefit from high frequency decoupling with 0.1µF capacitors at VTERM
pin.
DIFSENS
1.3V buffered output for DIFSENS signaling.
GND
Regulator ground pin. Connect to ground.
HSGND
Attached to die mounting pad, but not bonded to GND pin. Pins should be considered a
heat sink only, and not a true ground connection. It is recommended that these pins be
connected to ground, but can be left floating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com