Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5261 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX5261
Description  27-Line LVD SCSI Source/Sink Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5261 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX5261 Datasheet HTML 1Page - Microsemi Corporation LX5261 Datasheet HTML 2Page - Microsemi Corporation LX5261 Datasheet HTML 3Page - Microsemi Corporation LX5261 Datasheet HTML 4Page - Microsemi Corporation LX5261 Datasheet HTML 5Page - Microsemi Corporation LX5261 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0c, 2005-02-08
LX5261
27-Line LVD SCSI Source/Sink Regulator
PRODUCTION DATASHEET
TM
®
MECHANI CAL DRA WI NGS
DP
16-Pin Small Outline Package (SOIC) Narrow Body
B
G
F
K
L
A
P
C
D
J
M
12
3
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
9.78
10.01
0.385
0.394
B
3.81
4.01
0.150
0.158
C
1.35
1.75
0.053
0.069
D
0.35
0.46
0.014
0.018
F
0.77
0.030
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.007
0.010
K
0.10
0.25
0.004
0.010
L
4.82
5.21
0.189
0.205
M
0
8
0
8
P
5.79
6.20
0.228
0.244
*LC
0.10
0.004
Note:
1. Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm (.006”) on any side. Lead dimension shall not
include solder coverage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com