Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2378E
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 1 Page - STMicroelectronics

  ST2378E Datasheet HTML 1Page - STMicroelectronics ST2378E Datasheet HTML 2Page - STMicroelectronics ST2378E Datasheet HTML 3Page - STMicroelectronics ST2378E Datasheet HTML 4Page - STMicroelectronics ST2378E Datasheet HTML 5Page - STMicroelectronics ST2378E Datasheet HTML 6Page - STMicroelectronics ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
April 2006
Rev 1
1/22
22
ST2378E
8-bit dual supply 1.71V to 5.5V level translator
with I/O VCC ± 15KV ESD protection
General features
■
High speed:
–tPD = 15ns (Max.) at TA = 85°C
–VL = 1.8V
–VCC = 5.5V
■
Guaranteed data rate:
–13Mbps (1.8V
≤ V
L
≤ V
CC
≤ 5.5V)
■
Low power dissipation:
–ITS-VL = ITS-VCC = 1µA (Max.) at TA = 85°C
–IQVL = 100µA (Max.) at TA = 85°C
–IQCC = 10µA (Max.) at TA = 85°C
■
Output impedance:
–|IOHA| = 20µA(Min.) at VL=1.8V; VCC = 5.5V
–IOLA = 1.0µA(Min.) at VL=1.8V VCC = 5.5V
■
Bi-directional level translation
■
Totem pole and open drain driving for I2C
communications
■
5V tolerant on enable pin
■
Wide operating voltage range:
–VL(Opr) = 1.71V to VCC
–VCC(Opr) = 1.71V to 5.5V
■
ESD performance
■
HBM > 15KV ESD protection on I/OVCC lines
■
Leadfree Flip-Chip and TSSOP packages
Description
The ST2378E is an 8-bit, dual supply,
bi-directional level translator with ±15kV ESD-
protection on I/Os at VCC side. It is designed to
interface data transfer between low-voltage
ASICs/PLDs and higher voltage systems.
Externally applied voltage, VCC and VL, set logic
levels at both sides with range specified as
1.71V
≤ VL ≤ 5.5V and VL ≤ VCC ≤ 5.5V. For
proper operation, VCC should be set higher than
VL.
Utilizing a transmission-gate-based design, this
device allows bi-directional asynchronous data
transfer, which means each channel is allowed to
have either VCC to VL or VL to VCC data transfer
direction independently and no direction pin is
required. ST2378E operates at guaranteed data
rate of 13Mbps over the entire specified operating
voltage range.
Among the other features is included the OE pin
which allows disable-mode operation whereby
current consumption is reduced to less than 1µA.
TSSOP20
Flip-Chip20
www.st.com
Order codes
Part number
Temperature range
Package
Comments
ST2378EBJR
-40 to 85 °C
Flip-Chip20 (Tape and Reel)
3000 parts per reel
ST2378ETTR
-40 to 85 °C
TSSOP20 (Tape and Reel)
2500 parts per reel


Similar Part No. - ST2378E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378E STMICROELECTRONICS-ST2378E Datasheet
178Kb / 14P
8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
Feb-2004
ST2378EBJR STMICROELECTRONICS-ST2378EBJR Datasheet
178Kb / 14P
8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
Feb-2004
ST2378ETTR STMICROELECTRONICS-ST2378ETTR Datasheet
178Kb / 14P
8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
Feb-2004
More results

Similar Description - ST2378E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
STMicroelectronics
ST2378E STMICROELECTRONICS-ST2378E Datasheet
178Kb / 14P
8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION
Feb-2004
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
ON Semiconductor
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSX3013 ONSEMI-NLSX3013 Datasheet
154Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
March, 2009 ??Rev. 2
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com