Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378E Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2378E
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics ST2378E Datasheet HTML 10Page - STMicroelectronics ST2378E Datasheet HTML 11Page - STMicroelectronics ST2378E Datasheet HTML 12Page - STMicroelectronics ST2378E Datasheet HTML 13Page - STMicroelectronics ST2378E Datasheet HTML 14Page - STMicroelectronics ST2378E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ST2378E
Electrical characteristics
11/22
Symbol
Parameter
Test Condition
Value
Unit
CL=15pF tr=tf ≤ 6ns
Driver output
RT ≤ 50Ω
-40 to +85 °C
VL (V)
VCC (V)
Min.
Typ.
Max.
tIOVCC-VL
Propagation Delay Time(4)
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
1.8
1.8
2
15
ns
1.8
2.5
2
15
1.8
3.3
2
15
1.8
5.0
2
15
2.5
3.3
2
15
tPHL
1.8
1.8
5
15
1.8
2.5
5
15
1.8
3.3
5
15
1.8
5.0
6
15
2.5
3.3
4
15
tPZL tPZH
tPLZ tPZL
Output Enable and Disable Time
1.8
1.8
60
80
ns
1.8
5.0
150
200
tOSLH
tOSHL
Channel to channel Skew Time
(6)(7)
1.8
1.8
0.1
1
ns
1.8
5.0
0.5
1
DR
Maximum Data Rate
1.8 to 5.0
VL to 5.0
13
Mbps
1.
For normal operation, ensure VL < (VCC + 0.3V). During power-up, VL > (VCC + 0.3V) will not damage the device
2.
For VCC = VL = 1.8V, tr = tf ≤ 4ns
3.
Power Supply Range: VL, VCC 1.8V ± 5%, 2.5 ± 0.2V, 3.3 ± 0.3V, 5.0 ± 0.5V.
4.
Typical values are referred to TA=25°CTypical values are referred to TA=25°C
5. Rise Time:10% to 90%, Fall Time 90% to 10%
6. tpd: 50% to 50%
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
8. Each translator equally loaded; parameter guaranteed by design
Table 5. AC Electrical characteristics (totem pole driving)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com