Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378E Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2378E
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2378E Datasheet HTML 6Page - STMicroelectronics ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics ST2378E Datasheet HTML 10Page - STMicroelectronics ST2378E Datasheet HTML 11Page - STMicroelectronics ST2378E Datasheet HTML 12Page - STMicroelectronics ST2378E Datasheet HTML 13Page - STMicroelectronics ST2378E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
ST2378E
10/22
Table 5. AC Electrical characteristics (totem pole driving)
Symbol
Parameter
Test Condition (1)
Value
Unit
CL=15pF tr=tf ≤ 6ns
Driver output
RT ≤ 50Ω
(2)
-40 to +85 °C
VL (V)
(3)
VCC (V)
(3)
Min.
Typ. (4)
Max.
tRVCC
Rise Time I/OVCC
(3)(8)
1.8
1.8
11
15
ns
1.8
2.5
11
15
1.8
3.3
10
15
1.8
5.0
9
15
2.5
3.3
8
15
tFCC
Fall Time I/OVCC
(3)(8)
1.8
1.8
6
15
ns
1.8
2.5
7
15
1.8
3.3
8
15
1.8
5.0
10
15
2.5
3.3
6
15
tRVL
Rise Time I/OVL
(3)(8)
1.8
1.8
12
15
ns
1.8
2.5
10
15
1.8
3.3
9
15
1.8
5.0
10
15
2.5
3.3
7
15
tFVL
Fall Time I/OVL
(3)(8)
1.8
1.8
7
15
ns
1.8
2.5
6
15
1.8
3.3
6
15
1.8
5.0
7
15
2.5
3.3
4
15
tIOVL-VCC
Propagation Delay Time(4)
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
1.8
1.8
6
15
ns
1.8
2.5
7
15
1.8
3.3
7
15
1.8
5.0
7
15
2.5
3.3
4
15
tPHL
1.8
1.8
5
15
1.8
2.5
5
15
1.8
3.3
6
15
1.8
5.0
8
15
2.5
3.3
4
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com