Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378EBJR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2378EBJR Datasheet HTML 3Page - STMicroelectronics ST2378EBJR Datasheet HTML 4Page - STMicroelectronics ST2378EBJR Datasheet HTML 5Page - STMicroelectronics ST2378EBJR Datasheet HTML 6Page - STMicroelectronics ST2378EBJR Datasheet HTML 7Page - STMicroelectronics ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics ST2378EBJR Datasheet HTML 10Page - STMicroelectronics ST2378EBJR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ST2378E
Electrical characteristics
7/22
4
Electrical characteristics
Table 4. DC Specification
Symbol
Parameter
Test Condition
Value
Unit
VL(*)
(V)
VCC(*)
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ
Max.
Min.
Max.
VIHL
High Level Input
Voltage (I/OVL)
1.8
VL to
5.5
VL-0.2
VL-0.2
V
2.5
VL to
5.5
0.75VL
0.75VL
3.3
VL to
5.5
0.75VL
0.75VL
5.0
VL to
5.5
0.75VL
0.75VL
VILL
Low Level Input
Voltage (I/OVL)
1.8
VL to
5.5
0.15
0.15
V
2.5
VL to
5.5
0.30
0.30
3.3
VL to
5.5
0.30
0.30
5.0
VL to
5.5
0.30
0.30
VIHC
High Level Input
Voltage (I/OVCC)
1.8
VL to
5.5
VL-0.2
VL-0.2
V
2.5
VL to
5.5
0.75VCC
0.75VCC
3.3
VL to
5.5
0.75VCC
0.75VCC
5.0
VL to
5.5
0.75VCC
0.75VCC
VILC
Low Level Input
Voltage (I/OVCC)
1.8
VL to
5.5
0.15
0.15
V
2.5
VL to
5.5
0.30
0.30
3.3
VL to
5.5
0.30
0.30
5.0
VL to
5.5
0.30
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com