Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378EBJR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST2378EBJR Datasheet HTML 9Page - STMicroelectronics ST2378EBJR Datasheet HTML 10Page - STMicroelectronics ST2378EBJR Datasheet HTML 11Page - STMicroelectronics ST2378EBJR Datasheet HTML 12Page - STMicroelectronics ST2378EBJR Datasheet HTML 13Page - STMicroelectronics ST2378EBJR Datasheet HTML 14Page - STMicroelectronics ST2378EBJR Datasheet HTML 15Page - STMicroelectronics ST2378EBJR Datasheet HTML 16Page - STMicroelectronics ST2378EBJR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ST2378E
Test circuit
13/22
5
Test circuit
Figure 4.
Test circuit
Note:
CL = 15/50pF or equivalent (includes jig and probe capacitance)
R1 = 1Kor equivalent
RT = ZOUT of pulse generator (typically 50)
Note:
X= Do not care; Z = High Impedance;
Table 7. Test circuit switches
Test
Switch
Driving I/OVL
Driving I/OVCC
Open Drain Driving
tPLH, tPHL
Open
Open
Open
tPZL, tPLZ
VCC
VL
-
tPZH, tPHZ
Gnd
Gnd
-
Table 8. Truth table
Control Pin
Bidirectional Input/Outputs
OE
I/OVL
I/OVCC
H (1)
1.
High Level VL Power Supply referred
H (1)
H (2)
2.
High Level VCC Power Supply referred
H (1)
LL
LZ
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com