Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2378EBJR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics ST2378EBJR Datasheet HTML 10Page - STMicroelectronics ST2378EBJR Datasheet HTML 11Page - STMicroelectronics ST2378EBJR Datasheet HTML 12Page - STMicroelectronics ST2378EBJR Datasheet HTML 13Page - STMicroelectronics ST2378EBJR Datasheet HTML 14Page - STMicroelectronics ST2378EBJR Datasheet HTML 15Page - STMicroelectronics ST2378EBJR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Electrical characteristics
ST2378E
12/22
Table 6. AC characteristic (open drain driving)
Symbol
Parameter
Test Condition (1)
Value
Unit
CL=15pF tr=tf ≤ 6ns
Driver output
RT ≤ 50Ω
(2)
-40 to +85 °C
VL (V)
(3)
VCC (V)
(3)
Min.
Typ. (4)
Max.
tRVCC
Rise Time I/OVCC
(3)(8)
1.8
1.8
210
300
ns
1.8
5.0
59
150
tFCC
Fall Time I/OVCC
(3)(8)
1.8
1.8
12
30
ns
1.8
5.0
20
30
tRVL
Rise Time I/OVL
(3)(8)
1.8
1.8
210
300
ns
1.8
5.0
96
150
tFVL
Fall Time I/OVL
(3)(8)
1.8
1.8
11
30
ns
1.8
5.0
11
30
tIOVL-VCC
Propagation Delay Time(4)
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
1.8
1.8
210
300
ns
1.8
5.0
100
150
tPHL
1.8
1.8
7
20
1.8
5.0
14
20
tIOVCC-VL
Propagation Delay Time(4)
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
1.8
1.8
210
300
ns
1.8
5.0
57
150
tPHL
1.8
1.8
7
20
1.8
5.0
8
20
tPZL tPZH
tPLZ tPZL
Output Enable and Disable Time
1.8
1.8
60
80
ns
1.8
5.0
150
200
tOSLH
tOSHL
Channel to channel Skew Time
(6)(7)
1.8
1.8
10
20
ns
1.8
5.0
2
10
DR
Maximum Data Rate
1.8 to 5.0
VL to 5.0
800
kbps
1.
For normal operation, ensure VL < (VCC + 0.3V). During power-up, VL > (VCC + 0.3V) will not damage the device
2.
For VCC = VL = 1.8V, tr = tf
≤ 4ns
3.
Power Supply Range: VL, VCC 1.8V ± 5%, 2.5 ± 0.2V, 3.3 ± 0.3V, 5.0 ± 0.5V.
4.
Typical values are referred to TA=25°C
5. Rise Time:10% to 90%, Fall Time 90% to 10%
6. tpd: 50% to 50%
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
8. Each translator equally loaded; parameter guaranteed by desig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com