Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM6315
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM6315 Datasheet HTML 4Page - STMicroelectronics STM6315 Datasheet HTML 5Page - STMicroelectronics STM6315 Datasheet HTML 6Page - STMicroelectronics STM6315 Datasheet HTML 7Page - STMicroelectronics STM6315 Datasheet HTML 8Page - STMicroelectronics STM6315 Datasheet HTML 9Page - STMicroelectronics STM6315 Datasheet HTML 10Page - STMicroelectronics STM6315 Datasheet HTML 11Page - STMicroelectronics STM6315 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Operation
STM6315
8/21
2.4
Valid RST output down to VCC = 0V
When VCC falls below 1V, the RST output no longer sinks current, but becomes an open
circuit. In most systems this is not a problem, as most MCUs do not operate below 1V.
However, in applications where RST output must be valid down to 0V, a pull-down resistor
may be added to hold the RST output low. This resistor must be large enough to not load
the RST output, and still be small enough to pull the output to Ground. A 100K
Ω resistor is
recommended.
Figure 5.
Reset timing diagram
Figure 6.
Manual reset timing diagram, switch bounce/debounce
AI11166
RST
VCC
VRST
VCC (min)
trec
AI11167b
RST
MR
trec
MR-to-RST Delay
MR Glitch Rejection
MR Input Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com