Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM6315
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM6315 Datasheet HTML 11Page - STMicroelectronics STM6315 Datasheet HTML 12Page - STMicroelectronics STM6315 Datasheet HTML 13Page - STMicroelectronics STM6315 Datasheet HTML 14Page - STMicroelectronics STM6315 Datasheet HTML 15Page - STMicroelectronics STM6315 Datasheet HTML 16Page - STMicroelectronics STM6315 Datasheet HTML 17Page - STMicroelectronics STM6315 Datasheet HTML 18Page - STMicroelectronics STM6315 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
STM6315
DC and AC parameters
15/21
Manual Reset Input
VIL
MR low input threshold
VRST > 4.0V
0.8
V
VRST < 4.0V
0.3VCC
V
VIH
MR low input threshold
VRST > 4.0V
2.4
V
VRST < 4.0V
0.7VCC
V
MR input pulse width
1
µs
MR glitch rejection
100
ns
MR-to-RST delay
500
ns
MR pull-up resistance
32
63
100
k
Ω
1.
Valid for ambient operating temperature: TA = –40 to 125°C; VCC = 2.5 to 5.5V (except where noted).
2.
Other VRST thresholds and trec timings are offered. Minimum order quantities may apply. Contact local sales office for
availability.
Table 4.
DC and AC characteristics (continued)
Sym
Description
Test Condition (1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com