Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM6315
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315 Datasheet(HTML) 4 Page - STMicroelectronics

  STM6315 Datasheet HTML 1Page - STMicroelectronics STM6315 Datasheet HTML 2Page - STMicroelectronics STM6315 Datasheet HTML 3Page - STMicroelectronics STM6315 Datasheet HTML 4Page - STMicroelectronics STM6315 Datasheet HTML 5Page - STMicroelectronics STM6315 Datasheet HTML 6Page - STMicroelectronics STM6315 Datasheet HTML 7Page - STMicroelectronics STM6315 Datasheet HTML 8Page - STMicroelectronics STM6315 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
List of figures
STM6315
4/21
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
SOT143-4 connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Reset timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Manual reset timing diagram, switch bounce/debounce . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
Supply current vs. supply voltage, VRST = 2.63V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8.
Supply current vs. temperature (no load), VRST = 2.63V . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 9.
RST output voltage vs. output current, VCC = 4.25V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
Normalized reset time-out period vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 11.
Normalized reset threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
Max. transient duration not causing reset pulse vs. reset threshold Overdrive . . . . . . . . . 11
Figure 13.
AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
SOT143-4 – 4-lead small outline transistor package outline . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com