Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315LB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6315LB
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315LB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6315LB Datasheet HTML 3Page - STMicroelectronics STM6315LB Datasheet HTML 4Page - STMicroelectronics STM6315LB Datasheet HTML 5Page - STMicroelectronics STM6315LB Datasheet HTML 6Page - STMicroelectronics STM6315LB Datasheet HTML 7Page - STMicroelectronics STM6315LB Datasheet HTML 8Page - STMicroelectronics STM6315LB Datasheet HTML 9Page - STMicroelectronics STM6315LB Datasheet HTML 10Page - STMicroelectronics STM6315LB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STM6315
Operation
7/21
2
Operation
2.1
Reset output
The STM6315 Microprocessor Reset Circuit has an active-low, open drain reset output. This
output structure will sink current when RST is asserted. Connect a pull-up resistor from RST
to any supply voltage up to 6V (see Figure 4 on page 6). Select a resistor value large
enough to register a logic low, and small enough to register a logic high while supplying all
input current and leakage paths connected to the reset output line. A 10k pull-up is sufficient
in most applications.
The STM6315 asserts a reset signal to the MCU whenever VCC goes below the reset
threshold (VRST), or when the manual reset input (MR) is taken low (see Figure 5 and
Figure 6 on page 8). RST is guaranteed valid down to VCC = 1.0V.
During power-up, (once VCC exceeds the reset threshold) an internal timer keeps RST low
for the reset time-out period, trec. After this interval, RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period. Any time VCC goes below the reset threshold, the
internal timer clears. The reset timer starts when VCC returns above the reset threshold.
2.2
Manual reset input
A logic low on MR asserts RST. RST remains asserted while MR is low, and for trec after it
returns high. The MR input has an internal pull-up resistor 63k
Ω (typ), allowing it to be left
open if not used.
This input can be driven with TTL/CMOS-logic levels or with open drain/collector outputs.
Connect a standard open push-button switch from MR to VSS to create a manual reset
function (see Figure 4 on page 6); external debounce circuitry is not required. If the device is
used in a noisy environment, connect a 0.1µF capacitor from MR to VSS to provide
additional noise immunity.
2.3
Negative-going VCC transients
The STM6315 is relatively immune to negative-going VCC transients (glitches). Figure 12 on
page 11 shows typical transient duration versus reset comparator overdrive (for which the
STM6315 will NOT generate a reset pulse). The graph was generated using a negative
pulse applied to VCC, starting at 0.5V above the actual reset threshold and ending below it
by the magnitude indicated (Reset Threshold Overdrive). The graph indicates the maximum
pulse width a negative VCC transient can have without causing a reset pulse. As the
magnitude of the transient increases (further below the threshold), the maximum allowable
pulse width decreases. Any combination of duration and overdrive which lies under the
curve will NOT generate a reset signal (see Figure 12). A 0.1µF bypass capacitor mounted
as close as possible to the VCC pin provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com