Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315LB Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM6315LB
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315LB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM6315LB Datasheet HTML 13Page - STMicroelectronics STM6315LB Datasheet HTML 14Page - STMicroelectronics STM6315LB Datasheet HTML 15Page - STMicroelectronics STM6315LB Datasheet HTML 16Page - STMicroelectronics STM6315LB Datasheet HTML 17Page - STMicroelectronics STM6315LB Datasheet HTML 18Page - STMicroelectronics STM6315LB Datasheet HTML 19Page - STMicroelectronics STM6315LB Datasheet HTML 20Page - STMicroelectronics STM6315LB Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Part numbering
STM6315
18/21
7
Part numbering
Table 6.
Ordering information scheme
Note:
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Example:
STM6315
R
D
W1
3
F
Device Type
STM6315
Reset Threshold Voltage (1)
1.
Other VRST thresholds and trec timings are offered. Minimum order quantities may apply. Contact local
sales office for availability.
L = VRST = 4.63V
M = VRST = 4.38V
S = VRST = 2.93V
R = VRST = 2.63V
RST Pulse Width (1)
A = trec = 1.5ms
B = trec = 30ms
D = trec = 210ms
G = trec = 1680ms
Package
W1 = SOT143-4
Temperature Range
3 = –40 to 125°C
Shipping Method
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com