Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315LB Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM6315LB
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315LB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM6315LB Datasheet HTML 10Page - STMicroelectronics STM6315LB Datasheet HTML 11Page - STMicroelectronics STM6315LB Datasheet HTML 12Page - STMicroelectronics STM6315LB Datasheet HTML 13Page - STMicroelectronics STM6315LB Datasheet HTML 14Page - STMicroelectronics STM6315LB Datasheet HTML 15Page - STMicroelectronics STM6315LB Datasheet HTML 16Page - STMicroelectronics STM6315LB Datasheet HTML 17Page - STMicroelectronics STM6315LB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DC and AC parameters
STM6315
14/21
Table 4.
DC and AC characteristics
Sym
Description
Test Condition (1)
Min
Typ
Max
Unit
VCC Operating voltage
1.0
5.5
V
ICC
VCC supply current
VCC = 5.5V, no load
TA = –40 to +85°C
2.0
12
µA
VCC = 5.5V, no load
TA = –40 to +125°C
15
µA
VCC = 3.6V, no load
TA = –40 to +85°C
1.5
10
µA
VCC = 3.6V, no load
TA = –40 to +125°C
12
µA
VOL RST output voltage
VCC > 4.25V, ISINK = 3.2mA0.4
V
VCC > 2.5V, ISINK = 1.2mA0.3
V
VCC > 1.0V, ISINK = 80µA0.3
V
RST output open drain
Leakage Current
VCC > VRST, RST not
asserted
1µA
Reset Thresholds
VRST
Reset threshold (2)
(see Table 6 on page 18
for detailed listing)
VCC falling; TA = 25°C
VRST – 1.8%
VRST
VRST + 1.8%
V
VCC falling; TA = –40 to 85°C VRST – 2.5%
VRST + 2.5%
V
VCC falling; TA = –40 to 125°C VRST – 3.5%
VRST + 3.5%
V
tRD
VCC-to-RST delay
VCC falling from
(VRST + 100mV) to
(VRST – 200mV) at 1mV/µs
35
µs
trec
RST pulse
width (2)
STM6315xAxxxx
TA = –40 to +85°C
1
1.5
2ms
TA = –40 to +125°C
0.8
2.4
ms
STM6315xBxxxx
TA = –40 to +85°C
20
30
40
ms
TA = –40 to +125°C
16
48
ms
STM6315xDxxxx
TA = –40 to +85°C
140
210
280
ms
TA = –40 to +125°C
112
336
ms
STM6315xGxxxx
TA = –40 to +85°C
1120
1680
2240
ms
TA = –40 to +125°C
896
2688
ms
Reset threshold temperature
coefficient
60
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com