Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4855 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4855
Description  Autosync Deflection Controller ASDC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4855 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4855 Datasheet HTML 9Page - NXP Semiconductors TDA4855 Datasheet HTML 10Page - NXP Semiconductors TDA4855 Datasheet HTML 11Page - NXP Semiconductors TDA4855 Datasheet HTML 12Page - NXP Semiconductors TDA4855 Datasheet HTML 13Page - NXP Semiconductors TDA4855 Datasheet HTML 14Page - NXP Semiconductors TDA4855 Datasheet HTML 15Page - NXP Semiconductors TDA4855 Datasheet HTML 16Page - NXP Semiconductors TDA4855 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1996 Jul 18
13
Philips Semiconductors
Preliminary specification
Autosync Deflection Controller (ASDC)
TDA4855
CHARACTERISTICS
VCC =12V; Tamb =25 °C; peripheral components in accordance with Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Horizontal sync separator
INPUT CHARACTERISTICS FOR DC-COUPLED TTL SIGNALS [HSYNC (PIN 15)]
VDC(HSYNC)
sync input signal voltage
1.7
−−
V
slicing voltage level
1.2
1.4
1.6
V
tr(HSYNC)
rise time of sync pulse
10
−
500
ns
tf(HSYNC)
fall time of sync pulse
10
−
500
ns
tW(HSYNC)
minimum width of sync pulse
0.7
−−µs
IDC(HSYNC)
input current
VHSYNC = 0.8 V
−−−200
µA
VHSYNC = 5.5 V
−−
10
µA
INPUT CHARACTERISTICS FOR AC-COUPLED VIDEO SIGNALS (SYNC-ON-VIDEO, NEGATIVE SYNC POLARITY)
VAC(HSYNC)
sync amplitude of video input
signal voltage
−
300
−
mV
slicing voltage level
(measured from top sync)
source resistance
RS =50 Ω
90
120
150
mV
Vclamp(HSYNC)
top sync clamping voltage level
1.1
1.28
1.5
V
IC(HSYNC)
charge current for coupling
capacitor
VHSYNC > Vclamp(HSYNC)
1.7
2.4
3.4
µA
tHSYNC(min)
minimum width of sync pulse
0.7
−−µs
RS(max)
maximum source resistance
duty factor = 7%
−−
1500
Ω
rdiff(HSYNC)
differential input resistance
during sync
−
80
−Ω
Automatic polarity correction for horizontal sync
horizontal sync pulse width
related to tH
fH < 45 kHz
−−
20
%
fH > 45 kHz
−−
25
%
tP(H)
delay time for changing polarity
0.3
−
1.8
ms
Vertical sync integrator
tint(V)
integration time for generation
of a vertical trigger pulse
fH = 31.45 kHz;
IHREF = 1.052 mA
710
13
µs
fH = 64 kHz;
IHREF = 2.141 mA
3.9
5.7
6.5
µs
fH = 100 kHz;
IHREF = 3.345 mA
2.5
3.8
4.5
µs
Vertical sync slicer (DC-coupled, TTL compatible) [VSYNC (pin 14)]
VVSYNC
sync input signal voltage
1.7
−−
V
slicing voltage level
1.2
1.4
1.6
V
IVSYNC
input current
0 V
< VSYNC < 5.5 V
−−±10
µA
t
PH
()
t
H
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com