Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4855 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4855
Description  Autosync Deflection Controller ASDC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4855 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4855 Datasheet HTML 14Page - NXP Semiconductors TDA4855 Datasheet HTML 15Page - NXP Semiconductors TDA4855 Datasheet HTML 16Page - NXP Semiconductors TDA4855 Datasheet HTML 17Page - NXP Semiconductors TDA4855 Datasheet HTML 18Page - NXP Semiconductors TDA4855 Datasheet HTML 19Page - NXP Semiconductors TDA4855 Datasheet HTML 20Page - NXP Semiconductors TDA4855 Datasheet HTML 21Page - NXP Semiconductors TDA4855 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1996 Jul 18
18
Philips Semiconductors
Preliminary specification
Autosync Deflection Controller (ASDC)
TDA4855
Vertical output stage [VOUT1 (pin 13) and VOUT2 (pin 12)]
∆IVOUT(nom)
nominal differential output
current (peak-to-peak value)
(
∆IVOUT =IVOUT1 − IVOUT2)
nominal settings; note 11
0.76
0.85
0.94
mA
∆IVOUT(max)
maximum differential output
current (peak value)
(
∆IVOUT =IVOUT1 − IVOUT2)
0.54
0.6
0.66
mA
VVOUT1, VVOUT2
allowed voltage at outputs
0
−
4.2
V
δ
V(offset)
maximum offset error of vertical
output currents
nominal settings; note 11
−−±2.5
%
δ
V(lin)
maximum linearity error of
vertical output currents
nominal settings; note 11
−−±1.5
%
EW drive output
EW DRIVE OUTPUT STAGE [EWDRV (PIN 11)]
VEWDRV
bottom output voltage
(internally stabilized)
VPAR(EWDRV) =0;
VDC(EWDRV) =0;
EWTRP centred
1.05
1.2
1.35
V
maximum output voltage
note 14
7.0
−−
V
IEWDRV
output load current
−−±2.0
mA
TCEWDRV
temperature coefficient of
output signal
−−
600
10−6/K
ADJUSTMENT OF EW PARABOLA AMPLITUDE (see Figs 3 to 8) [EWPAR (PIN 21)]
VPAR(EWDRV)
parabola amplitude
IEWPAR = 0; note 11
−
0.05
−
V
IEWPAR = −135 µA;
note 11
−
3
−
V
IEWPAR
input current for maximum
amplitude
−110
−120
−135
µA
input current for minimum
amplitude
−
0
−µA
Vref(EWPAR)
reference voltage at input
−
5.0
−
V
ADJUSTMENT OF HORIZONTAL SIZE (see Figs 3 to 8) [EWWID (PIN 32)]
VDC(EWDRV)
EW parabola DC voltage shift
IEWWID = −135 µA;
note 11
−
0.1
−
V
IEWWID = 0; note 11
−
4.2
−
V
IEWWID
input current for maximum DC
shift
−
0
−µA
input current for minimum DC
shift
−110
−120
−135
µA
Vref(EWWID)
reference voltage at input
−
5.0
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com