Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4855 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA4855
Description  Autosync Deflection Controller ASDC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4855 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA4855 Datasheet HTML 17Page - NXP Semiconductors TDA4855 Datasheet HTML 18Page - NXP Semiconductors TDA4855 Datasheet HTML 19Page - NXP Semiconductors TDA4855 Datasheet HTML 20Page - NXP Semiconductors TDA4855 Datasheet HTML 21Page - NXP Semiconductors TDA4855 Datasheet HTML 22Page - NXP Semiconductors TDA4855 Datasheet HTML 23Page - NXP Semiconductors TDA4855 Datasheet HTML 24Page - NXP Semiconductors TDA4855 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1996 Jul 18
21
Philips Semiconductors
Preliminary specification
Autosync Deflection Controller (ASDC)
TDA4855
Notes to the characteristics
1. For duration of vertical blanking pulse see characteristics of “Vertical oscillator (oscillator frequency in application
without adjustment of free-running frequency fv(o))”.
2. Continuous blanking at CLBL (pin 16) will be activated, if one of the following conditions is true:
a) No horizontal flyback pulses at HFLB (pin 1) within a line
b) X-ray protection is triggered
c) Voltage at HPLL2 (pin 31) is low (for soft start of horizontal drive)
d) Supply voltage at VCC (pin 9) is low
e) PLL1 unlocked while frequency-locked loop is in search mode.
3. To ensure safe locking of the horizontal oscillator, one of the following procedures is required:
a) Search mode starts always from fmin. Then the PLL1 filter components are a 3.3 nF capacitor from pin 26 to
ground in parallel with an 8.2 k
Ω resistor in series with a 47 nF capacitor.
b) Search mode starts either from fmin or fmax with HPOS in middle position (IHPOS =60 µA). Then the PLL1 filter
components are a 1.5 nF capacitor from pin 26 to ground in parallel with a 27 k
Ω resistor in series with a 47 nF
capacitor.
c) After locking is achieved, HPOS can be operated in the normal way.
4. Loading of HPLL1 (pin 26) is not allowed.
5. Oscillator frequency is fmin when no sync input signal is present (no continuous blanking at pin 16).
6. Voltage at HPLL1 (pin 26) is fed to HBUF (pin 27) via a buffer. Disturbances caused by horizontal sync are removed
by an internal sample-and-hold circuit.
7. Input resistance at HPOS (pin 30):
8. Full vertical sync range with constant amplitude (fV(min) :fV(max) = 1 : 2.5) can be made usable by choosing an
application with adjustment of free-running frequency.
9. If higher vertical frequencies are required, sync range can be shifted by using a smaller capacitor at VCAP (pin 24).
10. Value of resistor at VREF (pin 23) may not be changed.
11. All vertical and EW adjustments are specified at nominal vertical settings, which means:
a)
∆VAMP = 100% (IVAMP = 135 µA)
b)
∆VSCOR = 0 (pin 19 open-circuit)
c)
∆VPOS centred (pin 17 forced to ground)
d) VGA presets disabled (current ratio IHBUF :IHREF < 2.25)
e) fH = 70 kHz.
12. VGA presets are enabled below the horizontal frequency at which the current ratio IHBUF :IHREF exceeds the
specified value.
13. The superimposed logarithmic sawtooth at VSCOR (pin 19) tracks with internal VGA settings and with VPOS, but
not with VAMP settings. The superimposed waveform is described by
with ‘d’ being the modulation
depth of a sawtooth from
−5⁄6 to +5⁄6. A linear sawtooth with the same modulation depth can be recovered in an
external long-tailed pair (see Fig.17).
14. The output signal at EWDRV (pin 11) may consist of parabola + DC shift + trapezium correction. These adjustments
have to be carried out in a correct relationship to each other in order to avoid clipping due to the limited output voltage
range at EWDRV.
R
HPOS
kT
q
------
1
I
HPOS
---------------
×
=
kT
q
-------
In
×
1d
–
1d
+
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com