Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCODV Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASCODV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCODV Datasheet(HTML) 4 Page - Abracon Corporation

  ASCODV Datasheet HTML 1Page - Abracon Corporation ASCODV Datasheet HTML 2Page - Abracon Corporation ASCODV Datasheet HTML 3Page - Abracon Corporation ASCODV Datasheet HTML 4Page - Abracon Corporation ASCODV Datasheet HTML 5Page - Abracon Corporation ASCODV Datasheet HTML 6Page - Abracon Corporation ASCODV Datasheet HTML 7Page - Abracon Corporation ASCODV Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-14-24
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASCODV
1.60 x 1.20 x 0.80mm
RoHS/RoHS II Compliant
MSL Level = 1
Check Inventory
Request Samples
ASCODV-
-
-
-25
-20
-15
-10
-5
0
5
10
15
20
25
-40
-20
0
20
40
60
80
Temperature (°C)
Frequency vs Operating Temperature Characteristics
80 MHz
50MHz
40MHz
25MHz
Operating Temp.
E: -20°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
Packaging
Blank: Bulk
T3: 3k pcs / reel
Overall
Freq. Stability (*)
J: ± 20 ppm
R: ± 25 ppm
K: ± 30 ppm
C: ± 50 ppm
Q: ± 100 ppm
(*) Contact Abracon for
availability, not available
at all operating temp.
ranges nor at all carrier
frequencies
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 14.31818MHz
Typical Frequency vs. Temperature Characteristics @ Vdd = 3.3V [Load = 15pF]
Part Identification



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com