Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCODV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCODV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCODV Datasheet(HTML) 1 Page - Abracon Corporation

  ASCODV Datasheet HTML 1Page - Abracon Corporation ASCODV Datasheet HTML 2Page - Abracon Corporation ASCODV Datasheet HTML 3Page - Abracon Corporation ASCODV Datasheet HTML 4Page - Abracon Corporation ASCODV Datasheet HTML 5Page - Abracon Corporation ASCODV Datasheet HTML 6Page - Abracon Corporation ASCODV Datasheet HTML 7Page - Abracon Corporation ASCODV Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-14-24
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASCODV
1.60 x 1.20 x 0.80mm
RoHS/RoHS II Compliant
MSL Level = 1
Check Inventory
Request Samples
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Range
1.25
80
MHz
Operating Temperature Range
-40
+85
°C
See options
Storage Temperature Range
-55
+125
°C
Overall Frequency Stability [Note 1]
-25
+25
ppm
See options
Supply Voltage (Vdd)
1.6
3.63
V
Tri-state function
“1” (VIH≥0.7*Vdd) or Open: Oscillation;
“0” (VIL<0.3*Vdd): No Oscillation/Hi Z
V
Output Load
15
pF
CMOS
Output Voltage
VOH
0.9*Vdd
V
VOL
0.1*Vdd
Aging 1 year @25°C± 3°C
-3.0
+3.0
ppm
Aging 5 years @25°C± 3°C
-5.0
+5.0
ppm
Symmetry @ ½ Vdd
45
50
55
%
Start-up Time
5.0
ms
Rise and Fall Time (Tr/Tf)
@10%Vdd-90%Vdd, 15pF load
Vdd = 1.8V to 3.63V
8.0
ns
1.25MHz < F < 19.999MHz
6.0
20MHz < F < 39.999MHz
5.0
40MHz < F < 80MHz
Vdd = 1.6V
10.0
1.25MHz < F < 19.999MHz
8.0
20MHz < F < 39.999MHz
6.0
40MHz < F < 80MHz
RMS Period Jitter @25°C± 3°C
Vdd = 3.0V to 3.63V
5.0
ps
Vdd = 1.6V to 2.5V
7.0
RMS Phase Jitter @25°C± 3°C
(10 - 39MHz: 12kHz to 5MHz)
(>39MHz: 12kHz to 20MHz)
1.0
ps
Vdd = 3.3V
Disable Current
10.0
μA
• Continuous Vdd operation from 1.6 V ~ 3.63 V
• Optimized for low current consumption
• Output Enable/Start & Disable/Stop function
• Output waveform CMOS/HCMOS/LVCMOS compatible
• Hermetically seam-sealed ceramic package
•
• Portable & wearable electronics
• Internet of Things (IoT)
• Consumer electronics
• Industrial control & automation
• Mobile communication
Electrical Specifications
Applications
Features
*Note 1: Overall frequency stability includes initial frequency tolerance @25°C± 3°C and stability over the operating temperature range.


Similar Part No. - ASCODV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCO ABRACON-ASCO Datasheet
3Mb / 3P
suitable for high density smt
01.19.15
ASCO-245430 ABRACON-ASCO-245430 Datasheet
2Mb / 4P
Ultra Miniature SMD Crystal Clock Osci llator
01.25.13
More results

Similar Description - ASCODV

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VC-FXO-35F KSS-VC-FXO-35F Datasheet
170Kb / 1P
Voltage Controlled SMD Crystal Oscillator
logo
ECS, Inc.
ECS-VX0-97 ECS-ECS-VX0-97 Datasheet
341Kb / 1P
SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
SMD Voltage Control Crystal Oscillator
JV75-3.3V JAUCH-JV75-3.3V Datasheet
218Kb / 2P
SMD Voltage Control Crystal Oscillator
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
SMD Voltage Control Crystal Oscillator
logo
TEMEX
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
SMD Voltage Control Crystal Oscillator
RVX7050R TEMEX-RVX7050R Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050X TEMEX-RVX7050X Datasheet
523Kb / 7P
SMD Voltage Controlled Crystal Oscillator
logo
Abracon Corporation
ASFLDV ABRACON-ASFLDV Datasheet
1,012Kb / 7P
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
10-26-22
ASVDV ABRACON-ASVDV Datasheet
1,022Kb / 7P
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
10-26-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com