Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCODV Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASCODV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCODV Datasheet(HTML) 2 Page - Abracon Corporation

  ASCODV Datasheet HTML 1Page - Abracon Corporation ASCODV Datasheet HTML 2Page - Abracon Corporation ASCODV Datasheet HTML 3Page - Abracon Corporation ASCODV Datasheet HTML 4Page - Abracon Corporation ASCODV Datasheet HTML 5Page - Abracon Corporation ASCODV Datasheet HTML 6Page - Abracon Corporation ASCODV Datasheet HTML 7Page - Abracon Corporation ASCODV Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-14-24
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASCODV
1.60 x 1.20 x 0.80mm
RoHS/RoHS II Compliant
MSL Level = 1
Check Inventory
Request Samples
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=3.3V
2.5
mA
1.25MHz ≤ F ≤ 5.999MHz
2.5
6MHz ≤ F ≤ 9.999MHz
3.5
10MHz ≤ F ≤ 19.999MHz
4.0
20MHz ≤ F ≤ 29.999MHz
5.0
30MHz ≤ F ≤ 39.999MHz
5.0
40MHz ≤ F ≤ 45.999MHz
5.0
46MHz ≤ F ≤ 48.999MHz
10.0
49MHz ≤ F ≤ 80MHz
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=2.5V
1.5
mA
1.25MHz ≤ F ≤ 5.999MHz
1.5
6MHz ≤ F ≤ 9.999MHz
2.2
10MHz ≤ F ≤ 19.999MHz
3.0
20MHz ≤ F ≤ 29.999MHz
3.5
30MHz ≤ F ≤ 39.999MHz
4.5
40MHz ≤ F ≤ 45.999MHz
4.5
46MHz ≤ F ≤ 48.999MHz
8.0
49MHz ≤ F ≤ 80MHz
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=1.8V
1.2
mA
1.25MHz ≤ F ≤ 5.999MHz
1.2
6MHz ≤ F ≤ 9.999MHz
1.8
10MHz ≤ F ≤ 19.999MHz
2.2
20MHz ≤ F ≤ 29.999MHz
2.5
30MHz ≤ F ≤ 39.999MHz
3.0
40MHz ≤ F ≤ 45.999MHz
3.5
46MHz ≤ F ≤ 48.999MHz
6.0
49MHz ≤ F ≤ 80MHz
Electrical Specifications continued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com