Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 9N150
Description  N-channel 1500 V - 1.8 Ω - 8 A - TO-247 very high voltage PowerMESH™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9N150 Datasheet(HTML) 1 Page - STMicroelectronics

  9N150 Datasheet HTML 1Page - STMicroelectronics 9N150 Datasheet HTML 2Page - STMicroelectronics 9N150 Datasheet HTML 3Page - STMicroelectronics 9N150 Datasheet HTML 4Page - STMicroelectronics 9N150 Datasheet HTML 5Page - STMicroelectronics 9N150 Datasheet HTML 6Page - STMicroelectronics 9N150 Datasheet HTML 7Page - STMicroelectronics 9N150 Datasheet HTML 8Page - STMicroelectronics 9N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2008
Rev 2
1/12
12
STW9N150
N-channel 1500 V - 1.8
Ω - 8 A - TO-247
very high voltage PowerMESH™ Power MOSFET
Features
■ 100% avalanche tested
■ Avalanche ruggedness
■ Gate charge minimized
■ Very low intrinsic capacitances
■ High speed switching
■ Very low on-resistance
Application
■ Switching applications
Description
Using the well consolidated high voltage MESH
OVERLAY™ process, STMicroelectronics has
designed an advanced family of Power MOSFETs
with outstanding performances. The strengthened
layout coupled with the company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, unrivalled gate charge and
switching characteristics.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STW9N150
1500 V
< 2.5
Ω
8 A
320 W
1
2
3
TO-247
Table 1.
Device summary
Order code
Marking
Package
Packaging
STW9N150
9N150
TO-247
Tube
www.st.com


Similar Part No. - 9N150

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N150 UTC-9N150 Datasheet
665Kb / 7P
9.0A, 1500V N-CHANNEL POWER MOSFET
9N150L-T47-T UTC-9N150L-T47-T Datasheet
665Kb / 7P
9.0A, 1500V N-CHANNEL POWER MOSFET
More results

Similar Description - 9N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
10-Aug-2006
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
09-Apr-2008
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
29-Jun-2010
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
06-Oct-2009
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
21-Jun-2011
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com