Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS41FS19IX-P-X-05-R Datasheet(PDF) 4 Page - Abracon Corporation

Part # O-CS41FS19IX-P-X-05-R
Description  Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS41FS19IX-P-X-05-R Datasheet(HTML) 4 Page - Abracon Corporation

  O-CS41FS19IX-P-X-05-R Datasheet HTML 1Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 2Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 3Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 4Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 5Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 6Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
O-CS41 Series
41 x 30 x 16 mm
Datasheet #2213A
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with
OSC Disable and Oven Alarm features for Instrumentation
Revision [B]: 12/19/2023
www.nelfc.com
Not all combinations are available. Consult Factory.
Packaging
Blank
Bulk
Output Frequency
Please specify the frequency in units of MHz
out to 3-digit accuracy after the decimal.
Example: 10.000MHZ
Supply Voltage
Code
Specification
F
12V, NOM
Environmental
Code
Specification
R
RoHS complaint, not designed for
reflow
Output
Code
Specification
S
Sinewave
Aging
Code
Specification
05
5E-10 = 0.5 ppb/day
Temperature Stability
Code
Specification
59
5x10-9
19
E grade 1x10-9
Phase Noise (see Table)
Code
Specification
X
Per Table
Operating Temperature Range
Code
In 5ºC steps
GX
-10°C to 75°C*
IX
0°C to 75°C, E grade
Operable to 80°C
Deviation Slope
Code
Specification
P
Positive, 0 to Vref
Temperature Code Table
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
A
-40
F
-15
K
10
P
35
U
60
Z
85
B
-35
G
-10
L
15
Q
40
V
65
C
-30
H
-5
M
20
R
45
W
70
D
-25
I
0
N
25
S
50
X
75
E
-20
J
5
O
30
T
55
Y
80
OCXO
Creating a Part Number
Conventional Power
Package Code
SMD 41x30x16, 6 pads
O -
C
S41
F S XX XX -
P - X - 05 – R – XX.XXX MHZ - X
Notes:
2* It’s assumed that phase noise test is performed under static conditions (no vibration), in still air, and care is taken for minimizing EMI. Cross correlation
method is recommended with equipment having adequate performance
3* Longer storage time, especially at low temperatures, may affect both retrace and setability parameters. It may require few days on power for re-stabilization
4) All parameters, unless otherwise specified, are at nominal conditions, i.e.: T=25°C, Nominal Vcc & Nominal Load.
5) Additional retrace from OSC DIS to OSC EN is within normal aging and temperature stability range of frequency deviation. Cannot be specified separately.
6* E grade phase noise test is performed with internal bias to Vc = 2.5 V, provided by resistive divider from Vref. Resistors are low noise metal film. After the
test the bias is removed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com