Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS41FS19IX-P-X-05-R Datasheet(PDF) 1 Page - Abracon Corporation

Part # O-CS41FS19IX-P-X-05-R
Description  Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS41FS19IX-P-X-05-R Datasheet(HTML) 1 Page - Abracon Corporation

  O-CS41FS19IX-P-X-05-R Datasheet HTML 1Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 2Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 3Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 4Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 5Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 6Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
O-CS41 Series
41 x 30 x 16 mm
Datasheet #2213A
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with
OSC Disable and Oven Alarm features for Instrumentation
Revision [B]: 12/19/2023
www.nelfc.com
Absolute Maximum Ratings
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Input Break Down Voltage
Vcc
-0.5
13.6
V
Storage Temperature
Ts
-40
85
°C
Control Voltage
Vc
-1
5.5
V
Electrical
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Frequency
F
10.000
MHz
Frequency Stability
∆
F/F
vs. temp. grades L, P,
and U
±5
±200
ppb
-10°C to 75°C
75°C to 80°C
vs. temp, grade E
±1
0°C to 75°C
vs. Supply
0.2
0.5
ppb/5%Vcc
Vs. Load
0.5
ppb/5% Rload
Aging
per day
per 30 days
per year, first year
second year
15 years
5E-10
5E-9
3E-8
2E-8
3E-7
After 30 days
Allan Deviation
0.1s
1.0 s
10 s
3E-13
2E-12
5E-12
Features
•
SC-cut crystal
•
High Stability
•
Low Aging
•
Ultra Low Phase Noise
Ultimate (U) -146 dBc/Hz at 10Hz
-172 dBc/Hz on the floor
Extraordinary (E) -88 dBc/Hz at 0.1 Hz
-119 dBc/Hz at 1 Hz
-148 dBc/Hz at 10 Hz
-168 dBc/Hz on the floor
Applications
•
Instrumentation
•
Radar
•
Satellite Communications
•
Reference
•
COTS/Dual use


Similar Part No. - O-CS41FS19IX-P-X-05-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
O-CS8 ABRACON-O-CS8 Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWL-L ABRACON-O-CS8-AKS17EWL-L Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWL-R ABRACON-O-CS8-AKS17EWL-R Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWP-L ABRACON-O-CS8-AKS17EWP-L Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWP-R ABRACON-O-CS8-AKS17EWP-R Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
More results

Similar Description - O-CS41FS19IX-P-X-05-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com