Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS41FS19IX-P-X-05-R Datasheet(PDF) 2 Page - Abracon Corporation

Part # O-CS41FS19IX-P-X-05-R
Description  Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS41FS19IX-P-X-05-R Datasheet(HTML) 2 Page - Abracon Corporation

  O-CS41FS19IX-P-X-05-R Datasheet HTML 1Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 2Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 3Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 4Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 5Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 6Page - Abracon Corporation O-CS41FS19IX-P-X-05-R Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
O-CS41 Series
41 x 30 x 16 mm
Datasheet #2213A
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with
OSC Disable and Oven Alarm features for Instrumentation
Revision [B]: 12/19/2023
www.nelfc.com
Electrical (cont.)
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
SSB Phase Noise (Achieved after 10
minutes warm-up) 2*
£(φ)
1Hz
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
-110
-105
-140
-155
-160
-168
-170
dBc/Hz
Grade L
1Hz
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
-112
-145
-156
-162
-170
-172
dBc/Hz
Grade P
1Hz
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
-115
-146
-156
-163
-170
-172
dBc/Hz
Grade U
0.1Hz
1Hz
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
-88
-119
-148
-160
-168
-168
-168
dBc/Hz
Grade E 6*
Retrace
After 30 minutes
±10
ppb
24 Hours off 3*
G-sensitivity
worst direction
±1.0
ppb/G
Input Voltage
Vcc
10.5
12.0
12.6
V
Power consumption
P
steady state, 25°C
steady state, -10°C
start-up @ -10°C
1.2
1.8
2.5
1.5
3.2
W
Still air
Spectral Purity
Spurious
Harmonics/Sine
Harmonics
-35
-80
-30
-45
dBc
Non-harmonic
E grade
Load
Internally AC-coupled 50 Ohm
Warm-up time
τω
to 0.1ppm accuracy
to 10ppb accuracy
3
5
10
minutes
Off time <24 hrs
Aging rate was reached
Start-up time
τ
s
From cold start at
room temperature
5
seconds
RF output to appear
From OSC EN
activation
0.1
Output Waveform
Sinewave
Output Power
+10
+13
+17
dBm
L, P, and U grades
+7
+12
E grade
Control voltage
Vc
0
5.0
V
Reference Voltage
Vref
No load
4.8
4.0
5.0
4.096
5.2
4.2
V
100 Ohm series to Vref
E grade, straight to Vref
Output Impedance
At Vref pin
100
Ohm
L, P, and U grades



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com