Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5990 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 17Page - Monolithic Power Systems MP5990 Datasheet HTML 18Page - Monolithic Power Systems MP5990 Datasheet HTML 19Page - Monolithic Power Systems MP5990 Datasheet HTML 20Page - Monolithic Power Systems MP5990 Datasheet HTML 21Page - Monolithic Power Systems MP5990 Datasheet HTML 22Page - Monolithic Power Systems MP5990 Datasheet HTML 23Page - Monolithic Power Systems MP5990 Datasheet HTML 24Page - Monolithic Power Systems MP5990 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
21
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
Figure 5 shows the start-up sequence in LPM.
In LPM, ADVANCE_CTRL (F1h), bit[13] selects
whether the device should enter the optional
MTP copying mode or initiate the system
initialization delay time after EN pulls high. If
bit[13] is set to 0, then the MP5990 starts
TON_DELAY
after
EN
goes
high.
This
sequence is different from regular power mode.
VDD33 UVLO On
POR + MTP Copying +
System Initialization
t1
t0
Wait EN On
TON_DELAY
VIN
E-Fuse Insertion
Delay
t2
t3
t4
t5
t8
340mV
t7
SCREF
OCWREF
VDD33
VDD18
SCREF/
OCWREF
EN
ON
OCREF
SS
GATE
VOUT
GOK
VGS_TH
t6
MTP Copying + System
Initialization
(Optional)
Figure 5: Start-Up Sequence in Low-Power Mode
Current-Sense Output (CS)
The CS pin provides a current proportional to
IOUT flowing through the device. VCS is used for
over-current
(OC)
limiting,
OC
warning
indication, and parallel operation with start-up
current balancing. The current-sense gain is
10μA/A while the MOSFET is fully on. A resistor
(RCS) on the CS pin generates VCS. ICS can be
estimated with Equation (2):
CS
OUT
I = I
10 A/A
 μ
(2)
VCS can be calculated with Equation (3):
CS
CS
CS
V
= I
R
(3)
Once VCS reaches VOCREF, the internal circuit
regulates VGATE to maintain a constant IFET.
Output Current Monitor (IMON)
The
MP5990
provides
a
high-accuracy
MOSFET current monitor output (IMON). The
current monitor gain is 10
μA/A. Connect a
resistor (RIMON) between the IMON and GND
pins. The recommended IMON voltage (VIMON)
range is 0V to 1.6V, which is also within the
internal
ADC-sensing
limit.
IMON
can
be
estimated with Equation (4):
IMON
OUT
I
= I
10 A/A
μ
(4)
VIMON can be calculated with Equation (5):
IMON
IMON
IMON
V
= I
R
(5)
If there is no bandwidth requirement, place a
2.2nF to 100nF capacitor from IMON to GND to
smooth the indicator voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com