Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5990 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 9Page - Monolithic Power Systems MP5990 Datasheet HTML 10Page - Monolithic Power Systems MP5990 Datasheet HTML 11Page - Monolithic Power Systems MP5990 Datasheet HTML 12Page - Monolithic Power Systems MP5990 Datasheet HTML 13Page - Monolithic Power Systems MP5990 Datasheet HTML 14Page - Monolithic Power Systems MP5990 Datasheet HTML 15Page - Monolithic Power Systems MP5990 Datasheet HTML 16Page - Monolithic Power Systems MP5990 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
13
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, COUT = 330µF, RCS = RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
-7
-6
-5
-4
-3
-2
-1
0
1
0
10
20
30
40
50
OUTPUT CURRENT (A)
IMON Gain Accuracy vs. Output
Current
V
IN = 12V
-40°C
+25°C
+90°C
0
20
40
60
80
100
120
0
10
20
30
40
50
60
OUTPUT CURRENT (A)
Case Temperature Rise vs.
Output Current
EV5990-5991-V-5PHASE-00A,
4-layer, 2oz each layer, 11cmx5cm
No Air Flow
Air Flow=100ft/min
Air Flow=200ft/min
Safe Operation Area (SOA)
Tested on the EV5990-5991-V-5PHASE-00A, 4-layer (2oz per layer), 11cmx15cm
0.1
1
10
100
0.01
0.1
1
10
V
DS (V)
DC
1s
100ms
50ms
10ms
1ms
<2us
RθJA = 16.4 C/W
T
JMAX = 150 C Max Rated
T
A = 25 C
Single Pulse
Limited by R
DS(ON
)
Limited by IDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com