Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5990 Datasheet(PDF) 65 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 65 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 61Page - Monolithic Power Systems MP5990 Datasheet HTML 62Page - Monolithic Power Systems MP5990 Datasheet HTML 63Page - Monolithic Power Systems MP5990 Datasheet HTML 64Page - Monolithic Power Systems MP5990 Datasheet HTML 65Page - Monolithic Power Systems MP5990 Datasheet HTML 66Page - Monolithic Power Systems MP5990 Datasheet HTML 67Page - Monolithic Power Systems MP5990 Datasheet HTML 68Page - Monolithic Power Systems MP5990 Datasheet HTML 69Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
65
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
FAULT_RECORD (FAh)
The FAULT_RECORD command stores all the current fault bits of system. The related bit is set to 1 if a
fault occurs.
Command
FAULT_RECORD
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
X
X
X
X
Bits
Bit Name
Description
15
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
14
NVM_CRC_FAULT
Indicates whether a CRC fault has occurred. While storing the operating memory
data to the NVM, the MP5990 calculates a CRC code for each bit and saves the
final CRC code to the NVM. When restoring the NVM data to the operating
memory, the MP5990 recalculates the CRC code for each bit. The MP5990
checks the CRC results when the restoration process is complete. If the CRC
result does not match what is stored in the storing process, the VR shuts down
and this bit is set.
1
’b0: No NVM CRC fault has been detected
1
’b1: An NVM CRC fault has been detected
13
NVM_SIG_FAULT
While restoring data from the NVM to the memory, the device checks the
signature register in address 00h of the NVM first. If the signature register is
0x1234, the restoration process stops immediately and this bit is set.
1
’b0: No NVM signature fault has occurred
1
’b1: An NVM signature fault has occurred
12
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
11
OTP_CONTROLLER_
FAULT
Indicates whether the controller experiences an over-temperature (OT) fault.
Once the controller
’s temperature exceeds its OT threshold, this bit is set.
1
’b0: No controller OT fault has occurred
1
’b1: A controller OT fault has occurred
10
MAX_SS_FAULT
Indicates whether the slave experiences a maximum SS fault. If the SS pin is still
low when the maximum soft start time ends, this bit is set.
1
’b0: No maximum SS fault has occurred
1
’b1: A maximum SS fault has occurred
9
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
8
VIN_OV_FAULT
VIN over-voltage (OV) fault indicator. Once the sensed VIN exceeds the VIN OV
fault limit, this bit is set.
1
’b0: No VIN OV fault has occurred
1
’b1: A VIN OV fault has occurred
7
RESERVED
Unused. X indicates writes are ignored and reads are always 0.
6
SLAVE_GOK_FAULT
Indicates whether a slave GOK fault has occurred. If a slave has faults, GOK
pulls low and this bit is set.
1
’b0: No slave faults have occurred
1
’b1: A slave fault has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com