Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6614 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6614
Description  35V, H-Bridge DC Motor Driver with SOIC-8 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6614 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6614 Datasheet HTML 8Page - Monolithic Power Systems MP6614 Datasheet HTML 9Page - Monolithic Power Systems MP6614 Datasheet HTML 10Page - Monolithic Power Systems MP6614 Datasheet HTML 11Page - Monolithic Power Systems MP6614 Datasheet HTML 12Page - Monolithic Power Systems MP6614 Datasheet HTML 13Page - Monolithic Power Systems MP6614 Datasheet HTML 14Page - Monolithic Power Systems MP6614 Datasheet HTML 15Page - Monolithic Power Systems MP6614 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP6614
– 35V, H-BRIDGE DC MOTOR DRIVER WITH SOIC-8 PACKAGE
MP6614 Rev. 1.0
MonolithicPower.com
12
2/24/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Input Logic
The MP6614 is controlled by a PWM input
interface
that
is compatible with industry-
standard devices. Table 1 shows the MP6614
’s
input logic:
Table 1: Input Logic
IN1
IN2
OUT1
OUT2
Function
(DC Motor)
L
L
Hi-Z
Hi-Z
Coast (enter sleep
mode after 2ms)
L
H
L
H
Reverse current
(OUT2 to OUT1)
H
L
H
L
Forward current
(OUT1 to OUT2)
H
H
L
L
Brake (low-side
slow decay)
nSLEEP Operation
If the input pins (IN1 and IN2) remain low for
2ms, then the MP6614 enters a low-power
sleep mode. In this state, all unnecessary
internal circuitry shuts down. If the device starts
up while both inputs are low, then the MP6614
immediately enters sleep mode. If either IN1 or
IN2 are pulled high for a minimum 50ns, the
device exits sleep mode and resumes normal
operation after 250
μs.
Over-Current Protection (OCP)
The over-current protection (OCP) circuit limits
the current through each MOSFET by reducing
the gate driver voltage to the MOSFET. If the
MOSFET
’s current limit condition lasts longer
than the over-current (OC) deglitch time, all the
MOSFETs in the H-bridge are disabled. The
driver remains disabled for the OCP retry time
(tOCR) and then is re-enabled automatically.
OC conditions such as a short to ground,
supply, or across the motor winding are sensed
on both high-side (HS) and low-side (LS)
devices, resulting in an OC shutdown.
Note that OCP does not use the current-sense
circuitry used for PWM current control, and it is
independent of the ISET resistance.
Junction Over-Temperature Protection (OTP)
If the IC
’s junction temperature (TJ) exceeds
safe limits, the device stops switching. Once TJ
drops to a safe temperature, the IC resumes
normal operation.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If VIN drops below the under-voltage lockout
(UVLO) threshold, all the circuitry in the device
is disabled, and the internal logic resets.
Operation resumes once VIN exceeds the UVLO
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com