Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6614 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6614
Description  35V, H-Bridge DC Motor Driver with SOIC-8 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6614 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6614 Datasheet HTML 8Page - Monolithic Power Systems MP6614 Datasheet HTML 9Page - Monolithic Power Systems MP6614 Datasheet HTML 10Page - Monolithic Power Systems MP6614 Datasheet HTML 11Page - Monolithic Power Systems MP6614 Datasheet HTML 12Page - Monolithic Power Systems MP6614 Datasheet HTML 13Page - Monolithic Power Systems MP6614 Datasheet HTML 14Page - Monolithic Power Systems MP6614 Datasheet HTML 15Page - Monolithic Power Systems MP6614 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP6614
– 35V, H-BRIDGE DC MOTOR DRIVER WITH SOIC-8 PACKAGE
MP6614 Rev. 1.0
MonolithicPower.com
13
2/24/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the best results, refer to Figure 4
and follow the guidelines below:
1. Place the supply bypass capacitors as close
to the IC as possible.
2. Place
multiple
thermal
vias
under
the
exposed pad to improve thermal dissipation.
This allows heat to move between the IC
and a plane located on the PCB
’s backside.
3. Place as many GND vias near the input
capacitors as possible to improve thermal
performance.
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com