Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604CGF-P Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6604CGF-P
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604CGF-P Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6604CGF-P Datasheet HTML 10Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 11Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 12Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 13Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 14Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 15Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 16Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 17Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
14
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the External Components
Bypass the two VIN pins to GND using a
minimum 100nF ceramic capacitor with X7R
dielectrics, placed as close to the IC as
possible. Place an additional 1µF to 10µF
ceramic capacitor close to the 100nF capacitor.
Depending on the supply impedance and
distance
to
other
large
capacitors,
an
electrolytic bulk capacitor may also be required
to stabilize VIN.
Connect a 100nF ceramic capacitor rated for
VIN between the CPA and CPB pins. Connect a
1µF, 16V ceramic capacitor between the VIN
and VCP pins.
Connect a 1µF, 16V ceramic capacitor with
X7R dielectrics from the VREG pin to GND.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the best results, refer to Figure 3
and Figure 4, and follow the guidelines below:
1. Place the supply bypass and charge pump
capacitors as close to the IC as possible
ideally adjacent to the pins on the same
PCB layer.
2. Each VIN pin requires a bypass capacitor.
3. Place as much copper on the long pads as
possible.
4. Place large copper areas on the pads and
the
device’s outer copper layer.
5. The thermal pad should be soldered directly
to the copper on the PCB.
6. Add thermal vias to transfer heat to the
other PCB layers.
Figure 3: Recommended PCB Layout
(MP6604CGF)
Figure 4: Recommended PCB Layout
(MP6604CGV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com