Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604CGF-P Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6604CGF-P
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604CGF-P Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6604CGF-P Datasheet HTML 8Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 9Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 10Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 11Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 12Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 13Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 14Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 15Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
12
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP6604C is a general-purpose dual H-
bridge motor driver designed to drive bipolar
stepper motors, brushed DC motors, solenoids,
and other loads. It integrates eight N-channel
power MOSFETs connected as four half H-
bridges, with a 2.5A current capability. The
device operates across a wide 4.5V to 45V
supply input voltage (VIN) range.
nSLEEP and nRESET
Pull the nSLEEP pin low to force the MP6604C
to enter low-power sleep mode. In this mode,
the gate drive charge pump stops, and all the
internal
circuits
and
H-bridge
outputs
are
disabled. All inputs are ignored when nSLEEP
is active low.
When
waking
up
from
sleep
mode,
approximately 600µs must pass before driving
the motor. This allows the internal circuitry to
stabilize. nSLEEP has an internal pull-down
resistor.
Pull the nRESET pin low to reset the latched
protection
features,
including
over-current
protection (OCP) and over-voltage protection
(OVP), as well as to disable the outputs to a
high-impedance (Hi-Z) state.
Input Interface
The MP6604C contains four half H-bridges that
operate independently.
The MP6604C has high-side (HS) and low-side
(LS) inputs for each of the output pins. Table 2
shows the input logic.
Table 2: HS and LS Input Logic
xHSx
xLSx
xOUTx
0
0
Hi-Z
0
1
L
1
0
H
1
1
Hi-Z
Note that all logic inputs have weak, internal
pull-down resistors.
Automatic Synchronous Rectification
If the output high-side MOSFET (HS-FET) and
low-side MOSFET (LS-FET) are turned off, then
the recirculation current must continue to flow
when driving current through an inductive load.
This current is typically passed through the
MOSFET body diodes. To prevent excess
power dissipation in the body diodes, the
MP6604C implements automatic synchronous
rectification.
If both the HS-FET and LS-FET are turned off,
and the voltage on an xOUTx pin (VxOUTx) is
pulled below ground, then the corresponding
LS-FET turns on until the current flowing
through it approaches 0A, or the HS-FET turns
on. Similarly, if VxOUTx exceeds VIN, then the
corresponding
HS-FET
turns
on
until
the
current approaches 0A, or the LS-FET turns on.
Internal Supply Voltages (VREG and VCP)
The internal regulators generate a 5V supply
voltage (VREG) for the LS gate drive, and a
supply exceeding VIN by 5V (VCP) for the HS
gate drive. These supplies require external
capacitors.
The
VREG
pin
requires
a
1µF
ceramic
capacitor connected to ground. The VCP pin
requires a 1µF ceramic capacitor connected to
VIN. Both capacitors should be X7R ceramic
capacitors, and rated for a voltage of at least
16V.
Connect the charge pump flying capacitor
between the CPA and CPB pins using a 100nF
ceramic capacitor (X7R) that is rated for at least
the maximum VIN.
nFAULT
The MP6604C provides a nFAULT pin to report
to the system if a fault condition such as OCP,
OVP, or over-temperature protection (OTP)
occur. nFAULT is an open-drain output, and is
pulled low during fault conditions. If used,
nFAULT should be pulled high via an external
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com