Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604CGF-P Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6604CGF-P
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604CGF-P Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6604CGF-P Datasheet HTML 1Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 2Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 3Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 4Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 5Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 6Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 7Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 8Page - Monolithic Power Systems MP6604CGF-P Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
3
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
(QFN-28)
Pin #
(TSSOP-28EP)
Name
Description
1, 8
4, 11
VIN
Input supply voltage. Decouple the VIN pin to ground using a
minimum 100nF ceramic capacitor. Additional bulk capacitance
may be required.
2
5
AOUT1
Bridge A output terminal 1.
3
6
PGNDA
Power ground for H-bridge A outputs.
4
7
AOUT2
Bridge A output terminal 2.
5
8
BOUT2
Bridge B output terminal 2.
6
9
PGNDB
Power ground for H-bridge B outputs.
7
10
BOUT1
Bridge B output terminal 1.
11, 24
14, 28
GND
Signal ground.
12
15
VREG
Internal regulator. Connect a 1µF, 16V ceramic capacitor (X7R) to
ground.
13
16
nRESET
Reset input. Pull the nRESET pin active low to reset the protection
circuits and disable the outputs. This pin is pulled down internally.
14
17
nSLEEP
Sleep mode input. Pull the nSLEEP pin logic low to enter low-
power sleep mode. This pin has an internal pull-down resistor.
15
18
nFAULT
Fault indication. The nFAULT pin is an open-drain output that pulls
to logic low if a fault is detected. If nFAULT is used, it requires an
external pull-up resistor.
16
20
AHS1
AOUT1 high-side MOSFET (HS-FET) control input. A high input
turns on the AOUT1 HS-FET. AHS1 is pulled down internally.
17
21
ALS1
AOUT1 low-side MOSFET (LS-FET) control input. A high input
turns on the AOUT1 LS-FET. ALS1 is pulled down internally.
18
22
AHS2
AOUT2 HS-FET control input. A high input turns on the AOUT2
HS-FET. AHS2 is pulled down internally.
19
23
ALS2
AOUT2 LS-FET control input. A high input turns on the AOUT2
LS-FET. ALS2 is pulled down internally.
20
24
BHS1
BOUT1 HS-FET control input. A high input turns on the BOUT1
HS-FET. BHS1 is pulled down internally.
21
25
BLS1
BOUT1 LS-FET control input. A high input turns on the BOUT1
LS-FET. BLS1 is pulled down internally.
22
26
BHS2
BOUT2 HS-FET control input. A high input turns on the BOUT2
HS-FET. BHS2 is pulled down internally.
23
27
BLS2
BOUT2 LS-FET control input. A high input turns on the BOUT2
LS-FET. BLS2 is pulled down internally.
25
1
CPA
Charge pump capacitor. Connect a 100nF ceramic capacitor rated
for the input voltage (VIN) between the CPA and CPB terminals.
26
2
CPB
27
3
VCP
Charge pump output. The VCP pin requires a 1µF, 16V ceramic
capacitor connected to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com