Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0136DENR Datasheet(PDF) 22 Page - Texas Instruments

Part # PAMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PAMC0136DENR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PAMC0136DENR Datasheet HTML 17Page - Texas Instruments PAMC0136DENR Datasheet HTML 18Page - Texas Instruments PAMC0136DENR Datasheet HTML 19Page - Texas Instruments PAMC0136DENR Datasheet HTML 20Page - Texas Instruments PAMC0136DENR Datasheet HTML 21Page - Texas Instruments PAMC0136DENR Datasheet HTML 22Page - Texas Instruments PAMC0136DENR Datasheet HTML 23Page - Texas Instruments PAMC0136DENR Datasheet HTML 24Page - Texas Instruments PAMC0136DENR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
C
3.6
3.4
2.8
2.6
1.0
0.8
0.05
0.00
2X 1.95
6X 0.65
8X
0.5
0.3
8X
0.3
0.2
2X 2.23 0.1
0.7 0.1
0.5 0.1
0.75
0.85
(0.1) TYP
(1)
VSON - 1 mm max height
DEN0008A
PLASTIC SMALL OUTLINE - NO LEAD
4228971/B 12/2023
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.15)
PKG
EXPOSED
THERMAL PAD
SYMM
1
4
5
8
9
EXPOSED
THERMAL PAD
10
SCALE 4.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com