Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAMC0136DENR Datasheet(PDF) 13 Page - Texas Instruments

Part # PAMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PAMC0136DENR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PAMC0136DENR Datasheet HTML 9Page - Texas Instruments PAMC0136DENR Datasheet HTML 10Page - Texas Instruments PAMC0136DENR Datasheet HTML 11Page - Texas Instruments PAMC0136DENR Datasheet HTML 12Page - Texas Instruments PAMC0136DENR Datasheet HTML 13Page - Texas Instruments PAMC0136DENR Datasheet HTML 14Page - Texas Instruments PAMC0136DENR Datasheet HTML 15Page - Texas Instruments PAMC0136DENR Datasheet HTML 16Page - Texas Instruments PAMC0136DENR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
Isolated modulators are widely used in application where a high-voltage domain is galvanically isolated from a
low-voltage domain for safety or functional reasons. A typical application is the sensing of the DC link voltage in
a frequency inverter.
7.2 Typical Application
Figure 7-1 shows a simplified schematic of a full-bridge motor drive that uses an AMC0136 to sense the 48V
DC link voltage. The DC link voltage is divided down to a 1V level by the resitive divider consisting of R1 and
R2. The AMC0136 digitizes the analog input signal on the high-side and transfers the data across the isolation
barrier to the low-side. The device then outputs the digital bitstream on the DOUT pin that is synchronized to the
clock applied to the CLKIN pin. The digital bitstream is processed by a low-pass digital filter in a micro control
unit (MCU) or FPGA.
The motor current in this application is sensed by an AMC0106M05 isolated modulator.
49.9
RSHUNT
1 nF
AVDD
AGND
INP
INN
AMC0106M05
DVDD
CLKIN
DOUT
DGND
4.7 uF
1 uF
100 nF
Low-side supply
(3.3 V or 5 V)
2
M
Gate
Driver
GND
1 nF
Signal Domain
Power Domain
+50 mV
0 V
–50 mV
D1
10 nF
100 nF
Gate
Driver
AVDD
AGND
IN
AGND
AMC0136
DVDD
CLKIN
DOUT
DGND
100 pF
+
–
48V
R1
R2
ICROSS
49.9
1 uF
100 nF
MCU
100 nF
1uF
DC/DC
GND
6V
5V
Figure 7-1. Using the AMC0136 for Voltage Sensing in a Full-Bridge, 48V Motor Driver Design
The AMC0136 requires a 3.3V or 5V supply to power the high-side (AVDD) of the isolated modulator. In this
example, AVDD is derived from the 48V rail by a DC/DC converter and a shunt regulator. The low-side supply
(DVDD) is shared with circuitry in the signal domain. Use the optional 49.9Ω resistor on the DOUT pin for
line-termination to improve signal integrity on the receiving end.
The galvanic isolation barrier and high common-mode transient immunity (CMTI) of the AMC0136 provide
reliable and accurate operation even in high-noise environments.
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com