Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB8080 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SPB8080
Description  4 X 80A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SPB8080 Datasheet(HTML) 1 Page - Microsemi Corporation

  SPB8080 Datasheet HTML 1Page - Microsemi Corporation SPB8080 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SPB8080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB8080 MICROSEMI-SPB8080 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
More results

Similar Description - SPB8080

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
Schottky Barrier Diode MODULE 80A/30A
logo
Microsemi Corporation
SPB16035 MICROSEMI-SPB16035 Datasheet
135Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
logo
Solid States Devices, I...
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Microsemi Corporation
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10035 MICROSEMI-SPB10035 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10080 MICROSEMI-SPB10080 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
SPB8035 MICROSEMI-SPB8035 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
logo
Digitron Semiconductors
MBR8035 DIGITRON-MBR8035 Datasheet
827Kb / 3P
80A SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com