Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 3 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 3 Page - VTI technologies

  SCA3000 Datasheet HTML 1Page - VTI technologies SCA3000 Datasheet HTML 2Page - VTI technologies SCA3000 Datasheet HTML 3Page - VTI technologies SCA3000 Datasheet HTML 4Page - VTI technologies SCA3000 Datasheet HTML 5Page - VTI technologies SCA3000 Datasheet HTML 6Page - VTI technologies SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SCA3000 Assembly Instructions
1
Objective
This document describes guidelines for Printed Wiring Board (PWB) design and assembly of the
SCA3000 Component. It aims to help customers achieve the optimum soldering process.
It should be emphasized that this document serves only as a design guideline to help develop the
optimal assembly conditions. It is essential that users also use their own manufacturing practices
and experience to be able to fulfill the needs of varying end-use applications.
2
VTI's Molded Interconnection Device Package (MID)
The housing of the SCA3000 component is relatively new packaging concept, which is called a
molded interconnection device (MID), which is a modified Dual Flat-pack No-lead package (DFN).
The MID housing is leadless component as well as DFN package. The SCA3000 component is a
surface mount plastic package with leads located at the bottom of the package, see picture 1.
Figure 1. 3D pictures of the SCA3000 component. The SCA3000 component leads are located at
the bottom of the package.
MID-technology offers a variety of benefits including reduced lead inductance, a small sized "near
chip scale" footprint, thin profile, and low weight. The MID component is an injection molded plastic
substrate, and the conductive circuit pattern is manufactured on its surface. The SCA3000
component housing is manufactured by the LDS (Laser Direct Structuring) MID-process. The
process flow of LDS - MID package is presented in figure 2.
VTI Technologies Oy
Subject to changes
3/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com