Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 8 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 8 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 4Page - VTI technologies SCA3000 Datasheet HTML 5Page - VTI technologies SCA3000 Datasheet HTML 6Page - VTI technologies SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SCA3000 Assembly Instructions
5
Printed Wiring Board (PWB) Level Guidelines
5.1
Land Pad Design
Two types of land patterns are used for surface mount packages:
1) Non-Solder Mask Defined Pads (NSMD)
2) Solder Mask Defined Pads (SMD).
NSMD pads have an opening which is larger than the pad itself, and SMD pads have a solder
mask opening that is smaller than the metal pad on PWB. NSMD is preferred since the copper
etching process has tighter process control compared to the solder mask process. The specific
PWB land pattern for the SCA3000 component is presented in figure 7.
Figure 7.
Recommended PWB pad layout for SCA3000 component.
VTI's SCA3000 packages can be soldered on commonly used substrates, e.g. FR-4, ceramic etc.
The pad metallization should be solder wettable in order to assure good quality solder joints. For
fine pitch assembly, the quality of plating is important. Generally used circuit board finishes for fine
pitch SMD soldering are NiAu, OSP, Electroless-Ag and Electroless-Sn.
5.2
Solder Paste
The SCA3000 package can be soldered with lead-free SAC (tin-silver-copper) solder. The SAC
solder paste composition should be near eutectic. The melting point of lead-free SAC solder can
vary between 217–221ºC, depending on the composition of solder alloy. In order to guarantee full
RoHS compatibility lead-free solder should be used for the soldering of VTI's SCA3000 component.
Also traditional eutectic SnPb solder can be used for soldering the SCA3000 packages if a lead-
free process is not required. With the eutectic SnPb solder, the melting point is 183°C.
A no-clean solder paste is recommended, since the SCA3000 package has very small stand off
and the effectiveness of cleaning process is therefore low. Ultrasonic agitation wash is not
allowed. The solder paste which is used must be suitable for printing it through the stencil aperture
dimensions. Type 3 paste is recommended (grain size 25-45mm).
7.25 mm
Pitch
0.80 mm
0.976 mm
2.25 mm
0.55 mm
0.25 mm (minimum
recommended clearance)
Component lead
(gray)
PWB land
(green)
0.10 mm (extension of
PWB land towards
center of the package)
0.15 mm (extension of PWB land
towards outside of the package)
0,025 mm (extension of
PWB land on both sides)
VTI Technologies Oy
Subject to changes
8/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com