Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000 Datasheet(PDF) 13 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 13 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies SCA3000 Datasheet HTML 13Page - VTI technologies SCA3000 Datasheet HTML 14Page - VTI technologies SCA3000 Datasheet HTML 15Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SCA3000 Assembly Instructions
7
Hand Soldering Guidelines
Hand soldering of the SCA3000 MID package is not recommended. For proto-uses of the
SCA3000 component, VTI can provide pre-assembled component on a PWB.
For hand soldering of the SCA3000 component, VTI recommends eutectic tin-lead solder paste
due to the lower melting point compared to lead-free solder pastes.
Soldering is possible by applying solder paste onto PWB land pads and then using reflow heating
or soldering iron to melt the paste and achieve the soldered joint.
To make the manual hand soldering with soldering iron easier, VTI recommends increasing the
PWB land pads length toward the outside of the package by up to 1mm, as shown in Figure 11
below. This extra area is helpful when soldering iron is being used. The hand soldering method is
presented in more detail below.
Figure 11. Recommended PWB land pad lengthening for and soldering.
Narrow signal traces to component PWB soldering pads to optimize the conduction of heat to
solder paste and component leads. See figure 12 for details.
Figure 12. Narrowed PWB signal traces and use of soldering iron.
1 mm pad
extension
Component
lead
PWB soldering
Narrow
trace
Area for
soldering
iron
PWB signal
trace
VTI Technologies Oy
Subject to changes
13/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com