Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5341 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5341
Description  Brushless DC motor and VCM drive circuit with speed control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5341 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5341 Datasheet HTML 9Page - NXP Semiconductors TDA5341 Datasheet HTML 10Page - NXP Semiconductors TDA5341 Datasheet HTML 11Page - NXP Semiconductors TDA5341 Datasheet HTML 12Page - NXP Semiconductors TDA5341 Datasheet HTML 13Page - NXP Semiconductors TDA5341 Datasheet HTML 14Page - NXP Semiconductors TDA5341 Datasheet HTML 15Page - NXP Semiconductors TDA5341 Datasheet HTML 16Page - NXP Semiconductors TDA5341 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1997 Jul 10
13
Philips Semiconductors
Product specification
Brushless DC motor and VCM drive circuit
with speed control
TDA5341
The power for retraction is received from the rectification
of the EMF of the spindle before it is spun down.
After retraction, a brake procedure is automatically settled.
The time needed for retraction, prior to braking, can be
precisely adjusted with the external RC device connected
to pin BRAKEDELAY. The discharge of the capacitance
across the resistance from VDD − 0.7 V down to 1 V will
provide the desired time constant.
Actuator section
The actuator driver has a control input voltage that is
proportional to the actuator current which is capable of a
closed-loop band-pass frequency higher than 10 kHz.
An operational amplifier input allows passive external
components for compensation and gain setting.
The compensation amplifier is able to be pulled out of a
saturation state within 5
µs and its output swing is
VDD − 1.5 V.
An actuator current-sense amplifier is provided for use by
the disc drive controller. The gain from current-sense
resistor to sense the amplifier output is typically 10 (
±3%)
and the output voltage swing is
±1.25 V. An input common
mode range insures operation through all normal coil
voltage excursions. Maximum recovery time from
saturation is 20
µs (typ.).
TRANSFER FUNCTION
With GAINSEL = HIGH; RIN =RIN1
With GAINSEL = LOW;
Fig.6 VCM section application diagram.
handbook, full pagewidth
VCMIN2
RIN1
CL2
CL1
RIN2
Rf
VCMIN1
Vref
GAINSEL
input
FB2
FB1
actuator
VCM
−
SENSEIN
−
VCM
+
SENSEIN
+
SENSEOUT
PREAMP
SENSE
AMP
OUTPUT
GAIN 11
TDA5341
MGE825
Rs
T11
R
f
×
Z
L
×
1
R
IN
R
f
R
s
R
f
Z
VCM
110
R
s
×
Z
L
×
+
×
+
×
()
×
--------------------------------------------------------------------------------------------------------------------


×
–
=
R
IN
R
IN1
R
IN2
×
R
IN1
R
IN2
+
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com