Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5341 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5341
Description  Brushless DC motor and VCM drive circuit with speed control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5341 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5341 Datasheet HTML 14Page - NXP Semiconductors TDA5341 Datasheet HTML 15Page - NXP Semiconductors TDA5341 Datasheet HTML 16Page - NXP Semiconductors TDA5341 Datasheet HTML 17Page - NXP Semiconductors TDA5341 Datasheet HTML 18Page - NXP Semiconductors TDA5341 Datasheet HTML 19Page - NXP Semiconductors TDA5341 Datasheet HTML 20Page - NXP Semiconductors TDA5341 Datasheet HTML 21Page - NXP Semiconductors TDA5341 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1997 Jul 10
18
Philips Semiconductors
Product specification
Brushless DC motor and VCM drive circuit
with speed control
TDA5341
Notes
1. Switching levels with respect to MOT1, MOT2 and MOT3.
2. CAPCP value is dependant of the powerless park and brake operations.
CAPTI; pin 2
Io(sink)
output sink current
25
35
45
µA
IoH(source)
HIGH level output source current
−85
−70
−55
µA
IoL(source)
LOW level lower source current
−7.5
−5.0
−2.5
µA
VSW(L)
lower switching level
−
30
−
mV
VSW(M)
middle switching level
−
0.3
−
V
VSW(H)
upper switching level
−
2.2
−
V
CAPCDM; pin 18
Io(sink)
output sink current
13
20
27
µA
Io(source)
output source current
−13.5
−10
−6.5
µA
Isink/Isource
ratio of sink-to-source current
−2.2
−2.0
−1.8
VIL
LOW level input voltage
0.82
0.87
0.92
V
VIH
HIGH level input voltage
2.20
2.28
2.37
V
CAPCDS; pin 19
Io(sink)
output sink current
13
20
27
µA
Io(source)
output source current
−27
−20
−13
µA
Isink/Isource
ratio of sink-to-source current
−1.1
−1.0
−0.9
µA
VIL
LOW level input voltage
0.82
0.87
0.92
V
VIH
HIGH level input voltage
2.20
2.28
2.37
V
FG; pin 10
VOL
LOW level output voltage
Io =0 µA
−−
0.5
V
IOL
LOW level output current
VOL = 1 V
3.3
5.3
−
mA
IOH
HIGH level output current
VOH = 4.5 V
−−83
−40
mA
RF
ratio of FG frequency and
commutation frequency
−
1
−
δ
duty factor
−
50
−
%
BRAKE; pin 11
INM
normal mode current
VNM = 2.8 V
−40
−27
−µA
VNM
normal mode voltage
2.65
−
VDD
V
VBM
brake mode voltage
−−
2.35
V
IBM
brake mode current
−40
−24
−µA
Upper converter; pins 61 and 62
CXA
external pump capacitor pin 61
−
10
−
nF
CYA
external pump capacitor pin 62
−
10
−
nF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com