Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5341 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA5341
Description  Brushless DC motor and VCM drive circuit with speed control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5341 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA5341 Datasheet HTML 17Page - NXP Semiconductors TDA5341 Datasheet HTML 18Page - NXP Semiconductors TDA5341 Datasheet HTML 19Page - NXP Semiconductors TDA5341 Datasheet HTML 20Page - NXP Semiconductors TDA5341 Datasheet HTML 21Page - NXP Semiconductors TDA5341 Datasheet HTML 22Page - NXP Semiconductors TDA5341 Datasheet HTML 23Page - NXP Semiconductors TDA5341 Datasheet HTML 24Page - NXP Semiconductors TDA5341 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Jul 10
21
Philips Semiconductors
Product specification
Brushless DC motor and VCM drive circuit
with speed control
TDA5341
VCM+ and VCM
−; pins 37 and 45
VCMdo
drop-out voltage
Io = 400 mA
−
0.8
1.0
V
IoLIM
output current limiting
0.7
1.15
1.5
A
Gv
power amplifier voltage gain
9
−
12
VoPARK
output park voltage
RL =40 Ω; note 1
−
0.75
−
V
VCMIN1 and VCMIN2
Vi
input voltage level
1.9
−
2.6
V
Iibias
input bias current
−−
0.25
µA
Ii(os)
input offset current
−
25
−
nA
GAINSEL; pin 15
VIH
HIGH level input voltage
2
−−
V
VIL
LOW level input voltage
−−
0.8
V
IIH
HIGH level input current
−10
−
+10
µA
IIL
LOW level input current
−20
−
+10
µA
RSW
switch resistance
GAINSEL = LOW
−−
40
Ω
GAINSEL = HIGH
10
−−
M
Ω
FB1 and FB2; pins 28 and 29
Vi(os)
input offset voltage
−5
−
+5
mV
∆VFB
feed-back differential output
voltage
VDD = 5.25 V
±0.4
−±VDD − 0.45 V
fco
cross-over frequency
−
10
−
MHz
IoFB
feed-back output current
−250
+250
µA
tRSB
recovery time from saturation
−
5
−µs
RSW
switch resistance
GAINSEL = LOW
−−
40
Ω
GAINSEL = HIGH
10
−−
M
Ω
RETRACT; pin 30
VIH
HIGH level input voltage
2
−−
V
VIL
LOW level input voltage
−−
0.8
V
IIH
HIGH level input current
−10
−
+10
µA
IIL
LOW level input current
−20
−
+10
µA
BRAKEDELAY; pin 46
VBM
brake mode threshold voltage
−
0.75
1.0
V
VNM
normal mode voltage
VDD − 0.85
−−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com