Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7010 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA7010
Description  FM radio circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7010 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA7010 Datasheet HTML 1Page - NXP Semiconductors TDA7010 Datasheet HTML 2Page - NXP Semiconductors TDA7010 Datasheet HTML 3Page - NXP Semiconductors TDA7010 Datasheet HTML 4Page - NXP Semiconductors TDA7010 Datasheet HTML 5Page - NXP Semiconductors TDA7010 Datasheet HTML 6Page - NXP Semiconductors TDA7010 Datasheet HTML 7Page - NXP Semiconductors TDA7010 Datasheet HTML 8Page - NXP Semiconductors TDA7010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
September 1983
5
Philips Semiconductors
Product specification
FM radio circuit
TDA7010T
A.C. CHARACTERISTICS
Vp = 4,5 V; Tamb = 25 °C; measured in Fig.4 (mute switch open, enabled); frf = 96 MHz (tuned to max. signal at 5 µV
e.m.f.) modulated with
∆f = ±22,5 kHz; f
m = 1 kHz; EMF = 0,2 mV (e.m.f. voltage at a source impedance of 75 Ω); r.m.s.
noise voltage measured unweighted (f = 300 Hz to 20 kHz); unless otherwise specified.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Sensitivity (see Fig.3)
(e.m.f. voltage)
for
−3 dB limiting;
muting disabled
EMF
−
1,5
−µV
for
−3 dB muting
EMF
−
6
−µV
for S/N = 26 dB
EMF
−
5,5
−µV
Signal handling (e.m.f. voltage)
for THD < 10%;
∆f = ± 75 kHz
EMF
−
200
−
mV
Signal-to-noise ratio
S/N
−
60
−
dB
Total harmonic distortion
at
∆f = ± 22,5 kHz
THD
−
0,7
−
%
at
∆f = ± 75 kHz
THD
−
2,3
−
%
AM suppression of output voltage
(ratio of the AM output signal
referred to the FM output signal)
FM signal: fm = 1 kHz; ∆f = ± 75 kHz
AM signal: fm = 1 kHz; m = 80%
AMS
−
50
−
dB
Ripple rejection (
∆V
P = 100 mV; f = 1 kHz)
RR
−
10
−
dB
Oscillator voltage (r.m.s. value) at pin 5
V5-4(rms)
−
250
−
mV
Variation of oscillator frequency
with supply voltage (
∆V
P = 1 V)
∆f
osc
−
60
−
kHz/V
Selectivity
S+300
−
43
−
dB
S−300
−
28
−
dB
A.F.C. range
∆f
rf
−± 300
−
kHz
Audio bandwidth at
∆V
o = 3 dB
measured with pre-emphasis (t = 50
µs)
B
−
10
−
kHz
A.F. output voltage (r.m.s. value)
at RL = 22 kΩ
Vo(rms)
−
75
−
mV
Load resistance
at VP = 4,5 V
RL
−−
22
k
Ω
at VP = 9,0 V
RL
−−
47
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com