Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7010 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7010
Description  FM radio circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7010 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7010 Datasheet HTML 1Page - NXP Semiconductors TDA7010 Datasheet HTML 2Page - NXP Semiconductors TDA7010 Datasheet HTML 3Page - NXP Semiconductors TDA7010 Datasheet HTML 4Page - NXP Semiconductors TDA7010 Datasheet HTML 5Page - NXP Semiconductors TDA7010 Datasheet HTML 6Page - NXP Semiconductors TDA7010 Datasheet HTML 7Page - NXP Semiconductors TDA7010 Datasheet HTML 8Page - NXP Semiconductors TDA7010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
September 1983
2
Philips Semiconductors
Product specification
FM radio circuit
TDA7010T
GENERAL DESCRIPTION
The TDA7010T is a monolithic integrated circuit for mono FM portable radios, where a minimum on peripheral
components is important (small dimensions and low costs).
The IC has an FLL (Frequency-Locked-Loop) system with an intermediate frequency of 70 kHz. The i.f. selectivity is
obtained by active RC filters. The only function which needs alignment is the resonant circuit for the oscillator, thus
selecting the reception frequency. Spurious reception is avoided by means of a mute circuit, which also eliminates too
noisy input signals. Special precautions are taken to meet the radiation requirements.
The TDA7010T includes the following functions:
• R.F. input stage
• Mixer
• Local oscillator
• I.F. amplifier/limiter
• Phase demodulator
• Mute detector
• Mute switch
QUICK REFERENCE DATA
PACKAGE OUTLINE
16-lead mini-pack; plastic (SO16; SOT109A); SOT109-1; 1996 July 24.
Supply voltage range (pin 4)
VP
2,7 to 10 V
Supply current at VP = 4,5 V
IP
typ.
8 mA
R.F. input frequency range
frf
1,5 to 110 MHz
Sensitivity for
−3 dB limiting
(e.m.f. voltage)
(source impedance: 75
Ω; mute disabled)
EMF
typ.
1,5
µV
Signal handling (e.m.f. voltage)
(source impedance: 75
Ω)
EMF
typ.
200 mV
A.F. output voltage at RL = 22 kΩ
Vo
typ.
75 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com