Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7010 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7010
Description  FM radio circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7010 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7010 Datasheet HTML 1Page - NXP Semiconductors TDA7010 Datasheet HTML 2Page - NXP Semiconductors TDA7010 Datasheet HTML 3Page - NXP Semiconductors TDA7010 Datasheet HTML 4Page - NXP Semiconductors TDA7010 Datasheet HTML 5Page - NXP Semiconductors TDA7010 Datasheet HTML 6Page - NXP Semiconductors TDA7010 Datasheet HTML 7Page - NXP Semiconductors TDA7010 Datasheet HTML 8Page - NXP Semiconductors TDA7010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
September 1983
4
Philips Semiconductors
Product specification
FM radio circuit
TDA7010T
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
D.C. CHARACTERISTICS
VP = 4,5 V; Tamb 25 °C; measured in Fig.4; unless otherwise specified
Supply voltage (pin 4)
VP
max.
12 V
Oscillator voltage (pin 5)
V6-5
VP−0,5 to VP + 0,5 V
Total power dissipation
see derating curve Fig.2
Storage temperature range
Tstg
−55 to + 150 °C
Operating ambient temperature range
Tamb
0 to
+ 60 °C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 4)
VP
2,7
4,5
10
V
Supply current
at VP = 4,5 V
IP
−
8
−
mA
Oscillator current (pin 5)
I5
−
280
−µA
Voltage at pin 12
V12-14
−
1,35
−
V
Output current at pin 2
I2
−
60
−µA
Voltage at pin 2; RL = 22 kΩ
V2-14
−
1,3
−
V
Fig.2 Power derating curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com