Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8003TS
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8003TS Datasheet HTML 9Page - NXP Semiconductors TDA8003TS Datasheet HTML 10Page - NXP Semiconductors TDA8003TS Datasheet HTML 11Page - NXP Semiconductors TDA8003TS Datasheet HTML 12Page - NXP Semiconductors TDA8003TS Datasheet HTML 13Page - NXP Semiconductors TDA8003TS Datasheet HTML 14Page - NXP Semiconductors TDA8003TS Datasheet HTML 15Page - NXP Semiconductors TDA8003TS Datasheet HTML 16Page - NXP Semiconductors TDA8003TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2000 Apr 20
13
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handle Metal Oxide Semiconductor (MOS) devices.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDP
power supply voltage
−0.5
+6.5
V
VDDS
signal supply voltage
−0.5
+6.5
V
VDDI
interface signal supply voltage
−0.5
+6.5
V
Vi(n)
input voltage
on pins 1, 17, 21 and 24
−0.5
+6.5
V
on pins 15, 16, 22 and 23
−0.5
VDDS + 0.5 V
on pins 19 and 20
−0.5
+6.5
V
on pins 9, 11 and 13
−0.5
VCC + 0.5
V
on pin 12
−0.5
+6.5
V
on pin 8
−0.5
+7.5
V
on pins 2, 4, 6 and 7
−0.5
VVUP + 0.5 V
Ii(n)
DC input current
on pins 1, 17, 19, 20, 21, 22, 23 and 24
−5+5
mA
on pin 15
−5
+10
mA
Ii/o(n)
DC input/output current
on pins 2, 4, 6, 7 and 8
−40
+40
mA
on pin 16
−5+5
mA
Ii/o(17)
transient input/output current on pin 17
duration 1 ms
−40
+40
mA
Ptot
continuous total power dissipation
Tamb = −40 to +85 °C
−
230
mW
Tj
operating junction temperature
−
125
°C
Tstg
IC storage temperature
−55
+150
°C
Vesd(n)
electrostatic discharge voltage
on pins 9, 11, 12, 13 and 16
−6+6
kV
on any other pin
−2+2
kV
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
102
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com