Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8003TS
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8003TS Datasheet HTML 14Page - NXP Semiconductors TDA8003TS Datasheet HTML 15Page - NXP Semiconductors TDA8003TS Datasheet HTML 16Page - NXP Semiconductors TDA8003TS Datasheet HTML 17Page - NXP Semiconductors TDA8003TS Datasheet HTML 18Page - NXP Semiconductors TDA8003TS Datasheet HTML 19Page - NXP Semiconductors TDA8003TS Datasheet HTML 20Page - NXP Semiconductors TDA8003TS Datasheet HTML 21Page - NXP Semiconductors TDA8003TS Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR440
+1.5 V
1.5 V
3 V
+1.5 V
+1.5 V
3 V
3 V
C5I
C6I
C7I
C8I
C1I
C1
C5
C2
C6
C3
C7
C4
C8
C2I
C3I
C4I
CARD READER
K1
(1)
K2
VCC
P0-0
1
P1-0
P1-1
P1-2
P1-3
P1-4
P1-5
P1-6
P1-7
RST
P3-2
P3-1
P3-0
P3-3
P3-4
P3-5
P3-6
P3-7
XTAL2
XTAL1
VSS
40
P0-1
2
39
P0-2
3
38
P0-3
4
37
P0-4
5
36
P0-5
6
35
P0-6
7
34
P0-7
8
33
EA
9
32
ALE
10
31
PSEN
11
30
P2-7
12
29
13
28
14
27
15
26
16
25
17
24
18
23
P2-0
P2-1
P2-2
P2-3
P2-4
P2-5
P2-6
19
22
20
21
33
pF
33 pF
10
nF
10
µF
100 nF
100 nF
100 nF
14.74 MHz
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TDA8003TS
SIMCLK
SAD1
SAD0
SDA
VDDI
SCL
SIMI/O
DEL
VDDS
RST
PRES
SIMERR
S1
PGND
S3
VDDP
S4
S2
VUP
I/O
SGND
CLK
VCC
PWROFF
100 nF
100
nF
100 nF
100 nF
0
Ω
2.2
µF
100 nF
+1.5 to +6 V
1.5 to 6 k
Ω
1.5 to 6 k
Ω
Fig.7 Application diagram.
(1) The switch is normally closed when the card is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com