Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8003TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8003TS
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8003TS Datasheet HTML 1Page - NXP Semiconductors TDA8003TS Datasheet HTML 2Page - NXP Semiconductors TDA8003TS Datasheet HTML 3Page - NXP Semiconductors TDA8003TS Datasheet HTML 4Page - NXP Semiconductors TDA8003TS Datasheet HTML 5Page - NXP Semiconductors TDA8003TS Datasheet HTML 6Page - NXP Semiconductors TDA8003TS Datasheet HTML 7Page - NXP Semiconductors TDA8003TS Datasheet HTML 8Page - NXP Semiconductors TDA8003TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Apr 20
2
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
FEATURES
• Subscriber Identification Module (SIM) card interface in
accordance with GSM11.11, GSM11.12 (Global System
for Mobile communication) and ISO 7816 requirements
• VCC regulation (3 or 5 V ±8%) with controlled rise and
fall times
• Card take-off protection
• One protected and buffered pseudo-bidirectional I/O line
(I/O referenced to VCC and SIMI/O referenced to VDDI)
• Clock generation (up to 10 MHz) with synchronous start
and frequency doubling
• Clock stop LOW, clock stop HIGH or 1.25 MHz (from
internal oscillator) for cards Power-down mode
• Automatic activation and deactivation sequences of an
independent sequencer
• Automatic processing of pin RST with count of the CLK
cycles for start of the Answer To Reset (ATR)
• Warm reset command
• Supply voltage supervisor for Power-on reset, spike
killing and emergency deactivation in case of supply
drop-out
• DC-to-DC converter (doubler, tripler or follower)
allowing operation in a 3 or 5 V environment
(2.5
≤ VDD ≤ 6V)
• Enhanced Electrostatic Discharge (ESD) protections on
card side (6 kV minimum)
• Power-down mode with several active features and
current reduction
• Off mode with 2 µA current
• Control from a microcontroller via a 400 kHz slave
I2C-bus (4 possible addresses: 48H, 4AH, 4CH
and 4EH)
• Four parallel devices possible due to 2 sub-address
wires
• Interface signals supplied by an independent voltage
(1.5
≤ VDDI ≤ 6 V).
APPLICATIONS
• GSM mobile phones
• SAM interfaces in banking terminals
• Portable card readers, etc.
GENERAL DESCRIPTION
The TDA8003TS is a low cost one chip SIM interface, in
accordance with GSM11.11, GSM11.12 and EMV96
(Europay, Mastercard, Visa) with card current limitation.
Controlled by I2C-bus, it is optimized in terms of board
space, external components count and connection count
(see Chapter “Application information”).
The integrated DC-to-DC converter ensures full
cross-compatibility between 3 or 5 V cards and 3 or 5 V
environments. The very low-power consumption in
Power-down mode and Off mode saves battery power.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8003TS/C1
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA8003TS/C2
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com