Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8003 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8003
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 9Page - Linear Technology LTM8003 Datasheet HTML 10Page - Linear Technology LTM8003 Datasheet HTML 11Page - Linear Technology LTM8003 Datasheet HTML 12Page - Linear Technology LTM8003 Datasheet HTML 13Page - Linear Technology LTM8003 Datasheet HTML 14Page - Linear Technology LTM8003 Datasheet HTML 15Page - Linear Technology LTM8003 Datasheet HTML 16Page - Linear Technology LTM8003 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTM4613
13
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 19)
TYPICAL MEASURED VALUES
VENDORS
PART NUMBER
VENDORS
PART NUMBER
Murata
GRM32ER61C476KEI5L (47µF, 16V)
Murata
GRM32ER71H106K (10µF, 50V)
Murata
GRM32ER61C226KE20L (22µF, 16V)
TDK
C3225X5RIC226M (22µF, 16V)
Figure 4. Normalized Output Ripple Current vs Duty Cycle, ∆IL = VOT/LI
DUTY CYCLE (VO/VIN)
0.1 0.15 0.2 0.25
0.35
0.3
0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4612 F04
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2 (BULK)
VIN
(V)
DROOP
(mV)
PK-TO-PK
(mV)
RECOVERY
TIME (µs)
LOAD
STEP (A)
LOAD STEP
SLEW RATE
(A/µS)
RFB
(kΩ)
3.3
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
5
84
175
50
4
10
22.1
3.3
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
5
91
181
40
4
10
22.1
3.3
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
12
100
188
50
4
10
22.1
3.3
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
12
100
191
40
4
10
22.1
3.3
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
24
113
200
50
4
10
22.1
3.3
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
24
103
197
40
4
10
22.1
5
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
12
109
222
60
4
10
13.7
5
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
12
122
238
50
4
10
13.7
5
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
24
119
228
60
4
10
13.7
5
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
24
122
238
50
4
10
13.7
5
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
36
125
231
60
4
10
13.7
5
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
36
128
247
50
4
10
13.7
12
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
24
178
363
150
4
10
5.23
12
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
24
238
488
90
4
10
5.23
12
2 × 10µF 50V 100µF 50V
2 × 22µF 16V
150µF 16V
36
181
369
150
4
10
5.23
12
2 × 10µF 50V 100µF 50V
4 × 47µF 16V
None
36
244
500
90
4
10
5.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com